Electronic Components Datasheet Search
  English  ▼

X  

LS80C88 Datasheet(PDF) 17 Page - Intersil Corporation

Part # LS80C88
Description  CMOS 8/16-Bit Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LS80C88 Datasheet(HTML) 17 Page - Intersil Corporation

Back Button LS80C88 Datasheet HTML 13Page - Intersil Corporation LS80C88 Datasheet HTML 14Page - Intersil Corporation LS80C88 Datasheet HTML 15Page - Intersil Corporation LS80C88 Datasheet HTML 16Page - Intersil Corporation LS80C88 Datasheet HTML 17Page - Intersil Corporation LS80C88 Datasheet HTML 18Page - Intersil Corporation LS80C88 Datasheet HTML 19Page - Intersil Corporation LS80C88 Datasheet HTML 20Page - Intersil Corporation LS80C88 Datasheet HTML 21Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
3-17
(25)
TLLAX
Address Hold Time to ALE Inactive
TCHCL-10
-
TCHCL-10
-
ns
CL = 100pF
(26)
TCLDV
Data Valid Delay
10
110
10
60
ns
CL = 100pF
(27)
TCLDX2
Data Hold Time
10
-
10
-
ns
CL = 100pF
(28)
TWHDX
Data Hold Time After WR
TCLCL-30
-
TCLCL-30
-
ns
CL = 100pF
(29)
TCVCTV
Control Active Delay 1
10
110
10
70
ns
CL = 100pF
(30)
TCHCTV
Control Active Delay 2
10
110
10
60
ns
CL = 100pF
(31)
TCVCTX
Control Inactive Delay
10
110
10
70
ns
CL = 100pF
(32)
TAZRL
Address Float to READ Active
0
-
0
-
ns
CL = 100pF
(33)
TCLRL
RD Active Delay
10
165
10
100
ns
CL = 100pF
(34)
TCLRH
RD Inactive Delay
10
150
10
80
ns
CL = 100pF
(35)
TRHAV
RD Inactive to Next Address Active
TCLCL-45
-
TCLCL-40
-
ns
CL = 100pF
(36)
TCLHAV
HLDA Valid Delay
10
160
10
100
ns
CL = 100pF
(37)
TRLRH
RD Width
2TCLCL-75
-
2TCLCL-50
-
ns
CL = 100pF
(38)
TWLWH
WR Width
2TCLCL-60
-
2TCLCL-40
-
ns
CL = 100pF
(39)
TAVAL
Address Valid to ALE Low
TCLCH-60
-
TCLCH-40
-
ns
CL = 100pF
(40)
TOLOH
Output Rise Time
-
15
-
15
ns
From 0.8V to 2.0V
(41)
TOHOL
Output Fall Time
-
15
-
15
ns
From 2.0V to 0.8V
NOTES:
6. Signal at 82C84A shown for reference only.
7. Setup requirement for asynchronous signal only to guarantee recognition at next CLK.
8. Applies only to T2 state (8ns into T3).
AC Electrical Specifications
VCC = 5.0V ±10%; TA = 0
oC to +70oC (C80C88, C80C88-2)
VCC = 5.0V ±100%; TA = -40
oC to +85oC (I80C88, I80C88-2)
VCC = 5.0V ±100%; TA = -55
oC to +125oC (M80C88)
VCC = 5.0V ±5%;
TA = -55
oC to +125oC (M80C88-2) (Continued)
MINIMUM COMPLEXITY SYSTEM
SYMBOL
PARAMETER
80C88
80C88-2
UNITS
TEST
CONDITIONS
MIN
MAX
MIN
MAX
80C88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com