Electronic Components Datasheet Search
  English  ▼

X  

LS80C88 Datasheet(PDF) 27 Page - Intersil Corporation

Part # LS80C88
Description  CMOS 8/16-Bit Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LS80C88 Datasheet(HTML) 27 Page - Intersil Corporation

Back Button LS80C88 Datasheet HTML 23Page - Intersil Corporation LS80C88 Datasheet HTML 24Page - Intersil Corporation LS80C88 Datasheet HTML 25Page - Intersil Corporation LS80C88 Datasheet HTML 26Page - Intersil Corporation LS80C88 Datasheet HTML 27Page - Intersil Corporation LS80C88 Datasheet HTML 28Page - Intersil Corporation LS80C88 Datasheet HTML 29Page - Intersil Corporation LS80C88 Datasheet HTML 30Page - Intersil Corporation LS80C88 Datasheet HTML 31Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
3-27
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Die Characteristics
DIE DIMENSIONS:
249.2 x 290.9 x 19
±1mils
METALLIZATION:
Type: Silicon - Aluminum
Thickness: 11k
Å
±2kÅ
GLASSIVATION:
Type: SiO2
Thickness: 8k
Å
±1kÅ
WORST CASE CURRENT DENSITY:
1.5 x 105 A/cm2
Metallization Mask Layout
80C88
A11
A12
A13
A14
A17/S4 A18/S5
GND
A16/S3
VCC
A15
A19/S6
SSO
MN/MX
RD
A10
A9
A8
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
NMI
INTR CLK
GND
RESET READY TEST
ALE
DEN
HOLD
HLDA
WR
IO/M
DT/R
INTA
80C88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com