Electronic Components Datasheet Search
  English  ▼

X  

LS80C88 Datasheet(PDF) 26 Page - Intersil Corporation

Part # LS80C88
Description  CMOS 8/16-Bit Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LS80C88 Datasheet(HTML) 26 Page - Intersil Corporation

Back Button LS80C88 Datasheet HTML 22Page - Intersil Corporation LS80C88 Datasheet HTML 23Page - Intersil Corporation LS80C88 Datasheet HTML 24Page - Intersil Corporation LS80C88 Datasheet HTML 25Page - Intersil Corporation LS80C88 Datasheet HTML 26Page - Intersil Corporation LS80C88 Datasheet HTML 27Page - Intersil Corporation LS80C88 Datasheet HTML 28Page - Intersil Corporation LS80C88 Datasheet HTML 29Page - Intersil Corporation LS80C88 Datasheet HTML 30Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
3-26
MR80C88 (CLCC)
Burn-In Circuits (Continued)
14
13
12
11
10
9
8
7
17
16
15
2
5
30
35
39
38
37
36
33
34
32
31
29
4
6
3
1
40
41
42
43
44
28
27
26
25
24
23
22
21
20
19
18
RIO
RIO
RIO
RIO
RIO
RIO
RO
RO
RO
RI
RI
RO
RO
RO
RO
RIO
VCC
VCL
VCC/2
C
F0
(FROM PROGRAM CARD)
A
GND
COMPONENTS:
1. RI = 10k
Ω±5%, 1/4W
2. RO = 1.2k
Ω±5%, 1/4W
3. RIO = 2.7k
Ω±5%, 1/4W
4. RC = 1k
Ω±5%, 1/4W
5. C = 0.01
µF (Minimum)
NOTES:
1. VCC = 5.5V ±0.5V, GND = 0V.
2. Input voltage limits (except clock):
VIL (Maximum) = 0.4V
VIH (Minimum) = 2.6V, VIH (Clock) = VCC - 0.4V) minimum.
3. VCC/2 is external supply set to 2.7V
±10%.
4. VCL is generated on program card (VCC - 0.65V).
5. Pins 13 - 16 input sequenced instructions from internal hold
devices, (DIP Only).
6. F0 = 100kHz
±10%.
7. Node
= a 40
µs pulse every 2.56ms.
A
80C88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com