Electronic Components Datasheet Search
  English  ▼

X  

CS82C54 Datasheet(PDF) 8 Page - Intersil Corporation

Part # CS82C54
Description  CMOS Programmable Interval Timer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C54 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button CS82C54 Datasheet HTML 4Page - Intersil Corporation CS82C54 Datasheet HTML 5Page - Intersil Corporation CS82C54 Datasheet HTML 6Page - Intersil Corporation CS82C54 Datasheet HTML 7Page - Intersil Corporation CS82C54 Datasheet HTML 8Page - Intersil Corporation CS82C54 Datasheet HTML 9Page - Intersil Corporation CS82C54 Datasheet HTML 10Page - Intersil Corporation CS82C54 Datasheet HTML 11Page - Intersil Corporation CS82C54 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
4-8
Both count and status of the selected counter(s) may be
latched simultaneously by setting both COUNT and STATUS
bits D5, D4 = 0. This is functionally the same as issuing two
separate read-back commands at once, and the above dis-
cussions apply here also. Specifically, if multiple count
and/or status read-back commands are issued to the same
counter(s) without any intervening reads, all but the first are
ignored. This is illustrated in Figure 7.
If both count and status of a counter are latched, the first
read operation of that counter will return latched status,
regardless of which was latched first. The next one or two
reads (depending on whether the counter is programmed for
one or two type counts) return latched count. Subsequent
reads return unlatched count.
Mode Definitions
The following are defined for use in describing the operation
of the 82C54.
CLK PULSE:
A rising edge, then a falling edge, in that order, of a
Counter’s CLK input.
TRIGGER:
A rising edge of a Counter’s Gate input.
COUNTER LOADING:
The transfer of a count from the CR to the CE (See “Func-
tional Description”)
Mode 0: Interrupt on Terminal Count
Mode 0 is typically used for event counting. After the Control
Word is written, OUT is initially low, and will remain low until
the Counter reaches zero. OUT then goes high and remains
high until a new count or a new Mode 0 Control Word is writ-
ten to the Counter.
GATE = 1 enables counting; GATE = 0 disables counting.
GATE has no effect on OUT.
After the Control Word and initial count are written to a
Counter, the initial count will be loaded on the next CLK
pulse. This CLK pulse does not decrement the count, so for
an initial count of N, OUT does not go high until N + 1 CLK
pulses after the initial count is written.
If a new count is written to the Counter it will be loaded on
the next CLK pulse and counting will continue from the new
count. If a two-byte count is written, the following happens:
(1) Writing the first byte disables counting. Out is set low
immediately (no clock pulse required).
(2) Writing the second byte allows the new count to be
loaded on the next CLK pulse.
This allows the counting sequence to be synchronized by
software. Again OUT does not go high until N + 1 CLK
pulses after the new count of N is written.
If an initial count is written while GATE = 0, it will still be
loaded on the next CLK pulse. When GATE goes high, OUT
will go high N CLK pulses later; no CLK pulse is needed to
load the counter as this has already been done.
FIGURE 9. MODE 0
NOTES: The following conventions apply to all mode timing diagrams.
1. Counters are programmed for binary (not BCD) counting and for
reading/writing least significant byte (LSB) only.
2. The counter is always selected (CS always low).
3. CW stands for “Control Word”; CW = 10 means a control word of
10, Hex is written to the counter.
4. LSB stands for Least significant “byte” of count.
5. Numbers below diagrams are count values. The lower number is
the least significant byte. The upper number is the most signifi-
cant byte. Since the counter is programmed to read/write LSB
only, the most significant byte cannot be read.
6. N stands for an undefined count.
7. Vertical lines show transitions between count values.
CS
RD
WR
A1
A0
01000
Write into Counter 0
01001
Write into Counter 1
01010
Write into Counter 2
01011
Write Control Word
00100
Read from Counter 0
00101
Read from Counter 1
00110
Read from Counter 2
00111
No-Operation (Three-State)
1
XXXX
No-Operation (Three-State)
0
1
1
X
X
No-Operation (Three-State)
FIGURE 8. READ/WRITE OPERATIONS SUMMARY
CW = 10
LSB = 4
WR
CLK
GATE
OUT
WR
CLK
GATE
OUT
WR
CLK
GATE
OUT
CW = 10
LSB = 3
CW = 10
LSB = 3
LSB = 2
NNNN
0
4
0
3
0
2
0
1
0
0
FF
FF
FF
FE
NNNN
0
3
0
2
0
2
0
2
0
1
0
0
FF
FF
NNNN
0
3
0
2
0
1
0
2
0
1
0
0
FF
FF
82C54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com