Electronic Components Datasheet Search
  English  ▼

X  

CS82C54 Datasheet(PDF) 16 Page - Intersil Corporation

Part # CS82C54
Description  CMOS Programmable Interval Timer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C54 Datasheet(HTML) 16 Page - Intersil Corporation

Back Button CS82C54 Datasheet HTML 9Page - Intersil Corporation CS82C54 Datasheet HTML 10Page - Intersil Corporation CS82C54 Datasheet HTML 11Page - Intersil Corporation CS82C54 Datasheet HTML 12Page - Intersil Corporation CS82C54 Datasheet HTML 13Page - Intersil Corporation CS82C54 Datasheet HTML 14Page - Intersil Corporation CS82C54 Datasheet HTML 15Page - Intersil Corporation CS82C54 Datasheet HTML 16Page - Intersil Corporation CS82C54 Datasheet HTML 17Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
4-16
Burn-In Circuits
MD 82C54 CERDIP
MR 82C54 CLCC
NOTES:
1. VCC = 5.5V ± 0.5V
2. GND = 0V
3. VIH = 4.5V
±10%
4. VIL = -0.2V to 0.4V
5. R1 = 47k
Ω±5%
6. R2 = 1.0k
Ω±5%
7. R3 = 2.7k
Ω±5%
8. R4 = 1.8k
Ω±5%
9. R5 = 1.2k
Ω±5%
10. C1 = 0.01
µF Min
11. F0 = 100kHz
±10%
12. F1 = F0/2, F2 = F1/2, ...F12 = F11/2
R1
R1
R1
R1
R1
R1
R1
R1
R2
R1
R1
R1
R1
R1
R2
R1
R1
R2
R1
VCC
GND
Q5
Q4
A
F1
Q7
A
Q3
F2
Q8
Q2
VCC
GND
F9
F11
F0
A
Q6
GND
Q1
F10
F12
VCC
A
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
VCC
C1
R4
R3
23
24
25
22
21
20
19
11
3
2
1
4
14
15
16
17
18
12
13
28
27
26
10
5
6
7
8
9
VCC/2 Q6 GND
OPEN
VCC/2
F1
Q7
R1
R1
R1
R1
R2
R5
GND
Q5
Q4
Q8
OPEN
F2
VCC/2
R1
R1
R1
R1
R1
R2
F9
F10
F11
OPEN
GND
F12
F0
R5
R1
R5
R1
R2
R1
R1
R1
R1
R1
VCC Q2
Q1 OPEN
C1
Q3 VCC
VCC
82C54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com