Electronic Components Datasheet Search
  English  ▼

X  

CS82C54 Datasheet(PDF) 12 Page - Intersil Corporation

Part # CS82C54
Description  CMOS Programmable Interval Timer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C54 Datasheet(HTML) 12 Page - Intersil Corporation

Back Button CS82C54 Datasheet HTML 8Page - Intersil Corporation CS82C54 Datasheet HTML 9Page - Intersil Corporation CS82C54 Datasheet HTML 10Page - Intersil Corporation CS82C54 Datasheet HTML 11Page - Intersil Corporation CS82C54 Datasheet HTML 12Page - Intersil Corporation CS82C54 Datasheet HTML 13Page - Intersil Corporation CS82C54 Datasheet HTML 14Page - Intersil Corporation CS82C54 Datasheet HTML 15Page - Intersil Corporation CS82C54 Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
4-12
Counter
New counts are loaded and Counters are decremented on
the falling edge of CLK.
The largest possible initial count is 0; this is equivalent to 216
for binary counting and 104 for BCD counting.
The counter does not stop when it reaches zero. In Modes 0,
1, 4, and 5 the Counter “wraps around” to the highest count,
either FFFF hex for binary counting or 9999 for BCD count-
ing, and continues counting. Modes 2 and 3 are periodic; the
Counter reloads itself with the initial count and continues
counting from there.
FIGURE 15. GATE PIN OPERATIONS SUMMARY
FIGURE 16. MINIMUM AND MAXIMUM INITIAL COUNTS
SIGNAL
STATUS
MODES
LOW OR
GOING LOW
RISING
HIGH
0
Disables Counting
-
Enables Counting
1
-
1) Initiates
Counting
2) Resets output
after next clock
-
2
1) Disables
counting
2) Sets output im-
mediately high
Initiates Counting Enables Counting
3
1) Disables
counting
2) Sets output im-
mediately high
Initiates Counting Enables Counting
4
1) Disables
Counting
-
Enables Counting
5
-
Initiates Counting
-
MODE
MIN COUNT
MAX COUNT
010
110
220
320
410
510
NOTE: 0 is equivalent to 216 for binary counting and 104 for BCD
counting.
82C54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com