Electronic Components Datasheet Search
  English  ▼

X  

AD7303 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7303
Description  2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7303 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7303 Datasheet HTML 5Page - Analog Devices AD7303 Datasheet HTML 6Page - Analog Devices AD7303 Datasheet HTML 7Page - Analog Devices AD7303 Datasheet HTML 8Page - Analog Devices AD7303 Datasheet HTML 9Page - Analog Devices AD7303 Datasheet HTML 10Page - Analog Devices AD7303 Datasheet HTML 11Page - Analog Devices AD7303 Datasheet HTML 12Page - Analog Devices AD7303 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD7303
–9–
REV. 0
grammed to transfer data in 16-bit words. After clocking all six-
teen bits to the shift register, the rising edge of SYNC executes
the programmed function. The DACs are double buffered
which allows their outputs to be simultaneously updated.
INPUT SHIFT REGISTER DESCRIPTION
The input shift register is 16 bits wide. The first eight bits con-
sist of control bits and the last eight bits are data bits. Figure 23
shows a block diagram of the logic interface on the AD7303
DAC. The seven bits in the control word are taken from the in-
put shift register to a latch sequencer that decodes this data and
provides output signals that control the data transfers to the in-
put and data registers of the selected DAC, as well as output
updating and various power-down features associated with the
control section. A description of all bits contained in the input
shift register is given below.
SERIAL INTERFACE
The AD7303 contains a versatile 3-wire serial interface that is
compatible with SPI, QSPI and Microwire interface stan-
dards as well as a host of digital signal processors. An active
low SYNC enables the shift register to receive data from the
serial data input DIN. Data is clocked into the shift register on
the rising edge of the serial clock. The serial clock frequency
can be as high as 30 MHz. This shift register is 16 bits wide as
shown in Figures 23 and 24. The first eight bits are control bits
and the second eight bits are data bits for the DACs. Each
transfer must consist of a 16-bit transfer. Data is sent MSB first
and can be transmitted in one 16-bit write or two 8-bit writes.
SPI and Microwire interfaces output data in 8-bit bytes and
thus require two 8-bit transfers. In this case the SYNC input to
the DAC should remain low until all sixteen bits have been
transferred to the shift register. QSPI interfaces can be pro-
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
INT/EXT
CR0
CR1
A/B
PDA
PDB
LDAC
X
8
8
LATCH
SEQUENCER
7
MSB
LSB
DAC A POWER-DOWN
DAC B POWER-DOWN
BANDGAP POWER-DOWN
LATCH & CLK
DRIVERS
16
REF
SELECTOR
INT
REFERENCE
CURRENT
SWITCH
CLOCK BUS
REF
RESISTOR
SWITCH
DAC A BIAS
DAC B BIAS
DIN
SYNC
DAC
REGISTER
30
DAC A
VOUT A
30
8 TO 32
DECODER
INPUT
REGISTER
8
SYNC
SCLK
BANDGAP
BIAS GEN
8
DAC
REGISTER
30
DAC B
VOUT B
30
8 TO 32
DECODER
INPUT
REGISTER
8
Figure 23. Logic Interface on the AD7303



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com