Electronic Components Datasheet Search
  English  ▼

X  

AD7303 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7303
Description  2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7303 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7303 Datasheet HTML 8Page - Analog Devices AD7303 Datasheet HTML 9Page - Analog Devices AD7303 Datasheet HTML 10Page - Analog Devices AD7303 Datasheet HTML 11Page - Analog Devices AD7303 Datasheet HTML 12Page - Analog Devices AD7303 Datasheet HTML 13Page - Analog Devices AD7303 Datasheet HTML 14Page - Analog Devices AD7303 Datasheet HTML 15Page - Analog Devices AD7303 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD7303
–13–
REV. 0
SCLK
VDD
10k
Ω
AD7303
DIN
SYNC
SCLK
VDD
REF
POWER
+5V
REGULATOR
VOUTB
VOUTA
AGND
10µF
0.1µF
0.1µF
VDD
10k
Ω
DATA
VDD
10k
Ω
SYNC
Figure 32. AD7303 in Opto-Isolated Interface
Decoding Multiple AD7303
The SYNC pin on the AD7303 can be used in applications to
decode a number of DACs. In this application, all DACs in the
system receive the same serial clock and serial data, but only the
SYNC
to one of the DACs will be active at any one time allow-
ing access to two channels in this eight-channel system. The
74HC139 is used as a 2- to 4-line decoder to address any of the
DACs in the system. To prevent timing errors from occurring,
the enable input should be brought to its inactive state while the
coded address inputs are changing state. Figure 33 shows a dia-
gram of a typical setup for decoding multiple AD7303 devices in
a system.
ENABLE
74HC139
AD7303
SYNC
DIN
SCLK
DIN
SCLK
DGND
CODED
ADDRESS
1A
1B
1Y0
1Y1
1Y2
1Y3
VCC
VDD
1
G
AD7303
SYNC
DIN
SCLK
AD7303
SYNC
DIN
SCLK
AD7303
SYNC
DIN
SCLK
Figure 33. Decoding Multiple AD7303 Devices in a System
AD7303 as a Digitally Programmable Window Detector
A digitally programmable upper/lower limit detector using the
two DACs in the AD7303 is shown in Figure 34. The upper
and lower limits for the test are loaded to DACs A and B which,
in turn, set the limits on the CMP04. If a signal at the VIN input
is not within the programmed window, a led will indicate the fail
condition.
AD7303
VDD
+5V
VOUTA
GND
0.1µF
REF
VIN
PASS/
FAIL
1/2
CMP04
1/6 74HC05
FAIL
PASS
1k
Ω
0.1µF
10µF
SCLK
DIN
SYNC
SCLK
DIN
SYNC
1k
Ω
VOUTB
Figure 34. Window Detector Using AD7303
Programmable Current Source
Figure 35 shows the AD7303 used as the control element of a
programmable current source. In this circuit, the full-scale cur-
rent is set to 1 mA. The output voltage from the DAC is applied
across the current setting resistor of 4.7 k
Ω in series with the
full-scale setting resistor of 470
Ω. Suitable transistors to place
in the feedback loop of the amplifier include the BC107 and the
2N3904, which enable the current source to operate from a min
VSOURCE of 6 V. The operating range is determined by the oper-
ating characteristics of the transistor. Suitable amplifiers in-
clude the AD820 and the OP295, both having rail-to-rail
operation on their outputs. The current for any digital input
code can be calculated as follows:
I = 2
× V
REF
× D/(5E + 3 × 256) mA
4.7k
Ω
470
Ω
+5V
LOAD
VSOURCE
AD7303
VOUTA
10µF
0.1µF
VDD = +5V
VDD
GND
AD780/ REF192
WITH VDD = +5V
REF
SCLK
DIN
SYNC
GND
VOUT
VIN
0.1µF
SERIAL
INTERFACE
EXT
REF
AD820/
OP295
Figure 35. Programmable Current Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com