Electronic Components Datasheet Search
  English  ▼

X  

AD7303 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7303
Description  2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7303 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7303 Datasheet HTML 8Page - Analog Devices AD7303 Datasheet HTML 9Page - Analog Devices AD7303 Datasheet HTML 10Page - Analog Devices AD7303 Datasheet HTML 11Page - Analog Devices AD7303 Datasheet HTML 12Page - Analog Devices AD7303 Datasheet HTML 13Page - Analog Devices AD7303 Datasheet HTML 14Page - Analog Devices AD7303 Datasheet HTML 15Page - Analog Devices AD7303 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD7303
–14–
REV. 0
AD7303 to 68HC11 Interface Program Source Code
*
PORTC
EQU
$1003
Port C Control Register
*
"SYNC, 0, 0, 0, 0, 0, 0, 0"
DDRC
EQU
$1007
Port C Data Direction
PORTD
EQU
$1008
Port D Data Register
*
"0, 0, 0, SCLK, DIN, 0, 0, 0"
DDRD
EQU
$1009
Port D Data Direction
SPCR
EQU
$1028
SPI Control Register
*
"SPIE, SPE, DWOM, MSTR, CPOL, CPHA, SPR1, SPR0"
SPSR
EQU
$1029
SPI Status Register
*
"SPIF, WCOL, 0, MODF, 0, 0, 0, 0"
SPDR
EQU
$102A
SPI Data Register, Read Buffer, Write Shifter
*
* SDI RAM Variables:
DIN 1 is eight MSBs, Control BYTE
DIN 2 is eight LSBs, Data BYTE
DAC requires 2*8-bit Writes
DIN1
EQU
$00
DIN BYTE 1: " INT/EXT, X, LDAC, PDB, PBA, A/B, CR1, CR0"
DIN2
EQU
$01
DIN BYTE 2: " DB7, DB6, DB5, DB4, DB3, DB2, DB1, DB0"
*
ORG
$C000
Start of users ram
INIT
LDS
#$CFFF
Top of C page Ram
*
LDAA
#$80
1, 0, 0, 0, 0, 0, 0, 0
*
SYNC is High
STAA
PORTC
Initialize Port C Outputs
LDAA
#$80
1, 0, 0, 0, 0, 0, 0, 0
STAA
DDRC
SYNC enabled as output
*
LDAA
#$00
0, 0, 0, 0, 0, 0, 0, 0
*
SCLK is low, DIN is low
STAA
PORTD
Initialize Port D outputs
Power Supply Bypassing and Grounding
In any circuit where accuracy is important, careful consideration
of the power supply and ground return layout helps to ensure
the rated performance. The printed circuit board on which the
AD7303 is mounted should be designed so that the analog and
digital sections are separated, and confined to certain areas of
the board. If the AD7303 is in a system where multiple
devices require an AGND to DGND connection, the connec-
tion should be made at one point only. The star ground point
should be established as closely as possible to the AD7303. The
AD7303 should have ample supply bypassing of 10
µF in paral-
lel with 0.1
µF on the supply located as closely to the package as
possible, ideally right up against the device. The 10
µF capaci-
tors are the tantalum bead type. The 0.1
µF capacitor should
have low Effective Series Resistance (ESR) and Effective Series
Inductance (ESI), like the common ceramic types that provide a
low impedance path to ground at high frequencies to handle
transient currents due to internal logic switching.
The power supply lines of the AD7303 should use as large a
trace as possible to provide low impedance paths and reduce the
effects of glitches on the power supply line. Fast switching sig-
nals such as clocks should be shielded with digital ground to
avoid radiating noise to other parts of the board, and should
never be run near the reference inputs. Avoid crossover of digi-
tal and analog signals. Traces on opposite sides of the board
should run at right angles to each other. This reduces the effects of
feedthrough through the board. A microstrip technique is by far
the best, but not always possible with a double-sided board. In
this technique, the component side of the board is dedicated to
ground plane while signal traces are placed on the solder side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com