Electronic Components Datasheet Search
  English  ▼

X  

AD7304 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7304
Description  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7304 Datasheet(HTML) 4 Page - Analog Devices

  AD7304 Datasheet HTML 1Page - Analog Devices AD7304 Datasheet HTML 2Page - Analog Devices AD7304 Datasheet HTML 3Page - Analog Devices AD7304 Datasheet HTML 4Page - Analog Devices AD7304 Datasheet HTML 5Page - Analog Devices AD7304 Datasheet HTML 6Page - Analog Devices AD7304 Datasheet HTML 7Page - Analog Devices AD7304 Datasheet HTML 8Page - Analog Devices AD7304 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD7304/AD7305
Rev. C | Page 4 of 20
VOUT = 10V p-p
+5V
0V
–5V
+5V
0V
–5V
(IN)
VREF = 10V p-p
f = 20kHz
(OUT)
Figure 3. Rail-to-Rail Reference Input to Output at 20 kHz
TIMING SPECIFICATIONS
@ VDD = 3 V or 5 V, VSS = 0 V; or VDD = +5 V and VSS = –5 V, VSS ≤ VREF ≤ VDD, –40°C < TA < +85°C/+125°C, unless otherwise noted.
Table 2.
Parameter
Symbol
3 V ± 10%
5 V ± 10%
±5 V ± 10%
Unit
INTERFACE TIMING SPECIFICATIONS1, 2
AD7304 Only
Clock Width High
tCH
70
55
55
ns min
Clock Width Low
tCL
70
55
55
ns min
Data Setup
tDS
50
40
40
ns min
Data Hold
tDH
30
20
20
ns min
Load Pulse Width
tLDW
70
60
60
ns min
Load Setup
tLD1
40
30
30
ns min
Load Hold
tLD2
40
30
30
ns min
Clear Pulse Width
tCLWR
60
60
60
ns min
Select
tCSS
30
20
20
ns min
Deselect
tCSH
60
40
40
ns min
AD7305 Only
Data Setup
tDS
60
40
40
ns min
Data Hold
tDH
30
20
20
ns min
Address Setup
tAS
60
40
40
ns min
Address Hold
tAH
30
20
20
ns min
Write Width
tWR
60
50
50
ns min
Load Pulse Width
tLDW
60
50
50
ns min
Load Setup
tLS
60
40
40
ns min
Load Hold
tLH
30
20
20
ns min
1 These parameters are guaranteed by design and not subject to production testing.
2 All input control signals are specified with tR = tF = 2 ns (10% to 90% of VDD) and timed from a voltage level of 1.6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com