Electronic Components Datasheet Search
  English  ▼

X  

AD7304 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7304
Description  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7304 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7304 Datasheet HTML 6Page - Analog Devices AD7304 Datasheet HTML 7Page - Analog Devices AD7304 Datasheet HTML 8Page - Analog Devices AD7304 Datasheet HTML 9Page - Analog Devices AD7304 Datasheet HTML 10Page - Analog Devices AD7304 Datasheet HTML 11Page - Analog Devices AD7304 Datasheet HTML 12Page - Analog Devices AD7304 Datasheet HTML 13Page - Analog Devices AD7304 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD7304/AD7305
Rev. C | Page 10 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT (mV)
144
120
0
015
REFERENCE INPUT VOLTAGE (V)
1.0
0.6
–1.0
–5.0
5.0
–3.0
–1.0
1.0
3.0
0.2
–0.2
–0.6
VDD = +5V
VSS = –5V
DATA = 0x80
TA = +25°C
DAC A
DAC B
DAC C
DAC D
3
69
12
96
72
48
24
VDD = +5V
VSS = –5V
VREF = VDD
DATA = 0x00
Figure 10. IOUT Sink vs. VOUT Rail-to-Rail Performance
VOUT OUTPUT VOLTAGE (V)
–35
–28
0
4.0
5.0
4.2
4.4
4.6
4.8
–21
–14
–7
VDD = +5V
VSS = –5V
VREF = VDD
DATA = 0xFF
Figure 11. IOUT SOURCE vs. VOUT Rail-to-Rail Performance
CODE (Decimal)
+1
0
0
256
32
64
96
128
160
192
224
0
0
+1
–1
+1
–1
+1
–1
0
–1
DAC A
DAC B
DAC C
DAC D
VDD = +5V
VSS = –5V
VREF = +2.5V
TA = +25°C
Figure 12. INL vs. Code, All DAC Channels
Figure 13. INL vs. Reference Input Voltage
CODE (Decimal)
0.500
–0.500
0
256
32
64
96
128
160
192
224
0.375
0
–0.125
–0.250
–0.375
0.250
0.125
VDD = +5V
VSS = –5V
VREF = +2.5V
Figure 14. DNL vs. Code
TEMPERATURE (
°C)
4.0
3.6
2.0
–55
125
–35
–15
5
25
45
65
85
105
3.2
2.8
2.4
VDD = 5.5V
VSS = 0V
VREF = 5.45V
Figure 15. Zero-Scale Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com