Electronic Components Datasheet Search
  English  ▼

X  

AD7304 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7304
Description  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7304 Datasheet(HTML) 3 Page - Analog Devices

  AD7304 Datasheet HTML 1Page - Analog Devices AD7304 Datasheet HTML 2Page - Analog Devices AD7304 Datasheet HTML 3Page - Analog Devices AD7304 Datasheet HTML 4Page - Analog Devices AD7304 Datasheet HTML 5Page - Analog Devices AD7304 Datasheet HTML 6Page - Analog Devices AD7304 Datasheet HTML 7Page - Analog Devices AD7304 Datasheet HTML 8Page - Analog Devices AD7304 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD7304/AD7305
Rev. C | Page 3 of 20
SPECIFICATIONS
@ VDD = 3 V or 5 V, VSS = 0 V; or VDD = +5 V and VSS = –5 V, VSS ≤ VREF ≤ VDD, −40°C < TA < +85°C/+125°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Condition
3 V ± 10%
5 V ± 10%
±5 V ± 10%
Unit
STATIC PERFORMANCE
Resolution1
N
8
8
8
Bits
Integral Nonlinearity2
INL
±1
±1
±1
LSB max
Differential Nonlinearity
DNL
Monotonic, all codes 0 to 0xFF
±1
±1
±1
LSB max
Zero-Scale Error
VZSE
Data = 0x00
15
15
±15
mV max
Full-Scale Voltage Error
VFSE
Data = 0xFF
±4
±4
±4
LSB max
Full-Scale Temperature
Coefficient3
TCVFS
5
5
5
ppm/°C typ4
REFERENCE INPUT
VREFIN Range
VREFIN
VSS/VDD
VSS/VDD
VSS/VDD
V min/max
Input Resistance (AD7304)
RREFIN
Code = 0x55
28
28
28
kΩ typ
Input Resistance (AD7305)
RREFIN
All DACs at code = 0x55
7.5
7.5
7.5
kΩ typ
Input Capacitance3
CREFIN
5
5
5
pF typ
ANALOG OUTPUTS
Output Voltage Range
VOUT
VSS/VDD
VSS/VDD
VSS/VDD
V min/max
Output Current Drive
IOUT
Code = 0x80, ∆VOUT < 1 LSB
±3
±3
±3
mA typ
Shutdown Resistance
ROUT
DAC outputs placed in shutdown
state
120
120
120
kΩ typ
Capacitive Load3
CL
No oscillation
200
200
200
pF typ
LOGIC INPUTS
Logic Input Low Voltage
VIL
0.6
0.8
0.8
V min
Logic Input High Voltage
VIH
2.1
2.4
2.4
V max
Input Leakage Current5
IIL
±10
±10
±10
µA max
Input Capacitance3
CIL
8
8
8
pF max
AC CHARACTERISTICS3
Output Slew Rate
SR
Code = 0x00 to 0xFF to 0x00
1/2.7
1/3.6
1.0/3.6
V/µs min/typ
Reference Multiplying
BW
Small signal, VSS = –5 V
2.6
MHz typ
Total Harmonic Distortion
THD
VREF = 4 V p-p, VSS = –5 V, f = 1 kHz
0.025
%
Settling Time6
tS
To ±0.1% of full scale
1.1/2
1.0/2
1.0/2
µs typ/max
Shutdown Recovery Time
tSDR
To ±0.1% of full scale
2
2
2
µs max
Time to Shutdown
tSDN
15
15
15
µs typ
DAC Glitch
Q
15
15
15
nVs typ
Digital Feedthrough
Q
2
2
2
nVs typ
Feedthrough
VOUT/VREF
Code = 0x00, VREF = 1 V p-p, f = 100 kHz
−65
dB
SUPPLY CHARACTERISTICS
Positive Supply Current
IDD
VLOGIC = 0 V or VDD, no load
6
6
6
mA max
Negative Supply Current
ISS
VSS = –5 V
6
mA max
Power Dissipation
PDISS
VLOGIC = 0 V or VDD, no load
15
30
60
mW max
Power Down
IDD_SD
SDI/SHDN = floating
40
40
40
µA typ
Power Supply Sensitivity
PSS
∆VDD = ±10%
0.004
0.004
0.004
%/%
1 One LSB = VREF/256.
2 The first three codes (0x00, 0x01, 0x10) are excluded from the integral nonlinearity error measurement in single-supply operation 3 V or 5 V.
3 These parameters are guaranteed by design and not subject to production testing.
4 Typical specifications represent average readings measured at 25°C.
5 The SDI/SHDN and A0/SHDN pins have a 30 µA maximum IIL input leakage current.
6 The settling time specification does not apply for negative going transitions within the last three LSBs of ground in single-supply operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com