Electronic Components Datasheet Search
  English  ▼

X  

AD7470 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7470
Description  1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7470 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7470_15 Datasheet HTML 3Page - Analog Devices AD7470_15 Datasheet HTML 4Page - Analog Devices AD7470_15 Datasheet HTML 5Page - Analog Devices AD7470_15 Datasheet HTML 6Page - Analog Devices AD7470_15 Datasheet HTML 7Page - Analog Devices AD7470_15 Datasheet HTML 8Page - Analog Devices AD7470_15 Datasheet HTML 9Page - Analog Devices AD7470_15 Datasheet HTML 10Page - Analog Devices AD7470_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
REV. B
AD7470/AD7472
–6–
ORDERING GUIDE
Temperature
Resolution
Package
Package
Model
Range
(Bits)
Options
1
Description
AD7470ARU
–40
°C to +85°C10
RU-24
TSSOP
AD7470ARU-REEL
–40
°C to +85°C10
RU-24
TSSOP
AD7470ARU-REEL7
–40
°C to +85°C10
RU-24
TSSOP
AD7472AR
–40
°C to +85°C12
R-24
SOIC
AD7472AR-REEL
–40
°C to +85°C12
R-24
SOIC
AD7472AR-REEL7
–40
°C to +85°C12
R-24
SOIC
AD7472ARU
–40
°C to +85°C12
RU-24
TSSOP
AD7472ARU-REEL
–40
°C to +85°C12
RU-24
TSSOP
AD7472ARU-REEL7
–40
°C to +85°C12
RU-24
TSSOP
AD7472BR
–40
°C to +85°C12
R-24
SOIC
AD7472BR-REEL
–40
°C to +85°C12
R-24
SOIC
AD7472BRU
–40
°C to +85°C12
RU-24
TSSOP
AD7472BRU-REEL
–40
°C to +85°C12
RU-24
TSSOP
AD7472BRU-REEL7
–40
°C to +85°C12
RU-24
TSSOP
AD7472YR
–40
°C to +125°C12
R-24
SOIC
AD7472YR-REEL
–40
°C to +125°C12
R-24
SOIC
AD7472YRU
–40
°C to +125°C12
RU-24
TSSOP
AD7472YRU-REEL
–40
°C to +125°C12
RU-24
TSSOP
AD7472YRU-REEL7
–40
°C to +125°C12
RU-24
TSSOP
EVAL-AD7470CB
2
Evaluation Board
EVAL-AD7472CB
2
Evaluation Board
EVAL CONTROL BRD2
3
Controller Board
NOTES
1R = SOIC; RU = TSSOP.
2This can be used as a standalone evaluation board or in conjunction with the EVAL-CONTROL BOARD for evaluation/demonstration purposes.
3This board is a complete unit allowing a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designators.
To order a complete evaluation kit, you need to order the specific ADC evaluation board, for example, EVAL-AD7472CB, the EVAL CONTROL
BRD2, and a 12 V ac transformer. See the relevant evaluation board application note for more information.
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C unless otherwise noted.)
AVDD to AGND/DGND . . . . . . . . . . . . . . . . . –0.3 V to +7 V
DVDD to AGND/DGND . . . . . . . . . . . . . . . . . –0.3 V to +7 V
VDRIVE to AGND/DGND . . . . . . . . . . . . . . . . –0.3 V to +7 V
AVDD to DVDD . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
VDRIVE to DVDD
. . . . . . . . . . . . . . . –0.3 V to DVDD + 0.3 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Analog Input Voltage to AGND . . . . –0.3 V to AVDD + 0.3 V
Digital Input Voltage to DGND . . . . –0.3 V to DVDD + 0.3 V
REF IN to AGND . . . . . . . . . . . . . . . –0.3 V to AVDD + 0.3 V
Input Current to Any Pin Except Supplies
2 . . . . . . . .
±10 mA
Operating Temperature Range
Commercial (A and B Versions) . . . . . . . . . –40
°C to +85°C
Industrial (Y Version) . . . . . . . . . . . . . . . –40
°C to +125°C
Storage Temperature Range . . . . . . . . . . . –65
°C to +150°C
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7470/AD7472 features proprietary ESD protection circuitry, permanent dam-
age may occur on devices subjected to high energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . 75
°C/W (SOIC)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 115
°C/W (TSSOP)
θJC Thermal Impedance . . . . . . . . . . . . . . . 25°C/W (SOIC)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
°C/W (TSSOP)
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5 kV
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latch-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com