Electronic Components Datasheet Search
  English  ▼

X  

AD7470 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7470
Description  1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7470 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7470_15 Datasheet HTML 5Page - Analog Devices AD7470_15 Datasheet HTML 6Page - Analog Devices AD7470_15 Datasheet HTML 7Page - Analog Devices AD7470_15 Datasheet HTML 8Page - Analog Devices AD7470_15 Datasheet HTML 9Page - Analog Devices AD7470_15 Datasheet HTML 10Page - Analog Devices AD7470_15 Datasheet HTML 11Page - Analog Devices AD7470_15 Datasheet HTML 12Page - Analog Devices AD7470_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
REV. B
AD7470/AD7472
–8–
PIN FUNCTION DESCRIPTIONS (continued)
Mnemonic
Function
DGND
Digital Ground. This is the ground reference point for all digital circuitry on the AD7470 and AD7472. The
DGND and AGND voltages should ideally be at the same potential and must not be more than 0.3 V apart even
on a transient basis.
VIN
Analog Input. Single-ended analog input channel. The input range is 0 V to REF IN. The analog input presents a
high dc input impedance.
VDRIVE
Supply Voltage for the Output Drivers, 2.7 V to 5.25 V. This voltage determines the output high voltage for the
data output pins. It allows AVDD and DVDD to operate at 5 V (and maximize the dynamic performance of the
(ADC), while the digital outputs can interface to 3 V logic.
DB0–DB9/11
Data Bit 0 to Data Bit 9 (AD7470) and DB11 (AD7472). Parallel digital outputs that provide the conversion result
for the part. These are three-state outputs that are controlled by
CS and RD. The output high voltage level for these
outputs is determined by the VDRIVE input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com