Electronic Components Datasheet Search
  English  ▼

X  

AD7470 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7470
Description  1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7470 Datasheet(HTML) 2 Page - Analog Devices

  AD7470_15 Datasheet HTML 1Page - Analog Devices AD7470_15 Datasheet HTML 2Page - Analog Devices AD7470_15 Datasheet HTML 3Page - Analog Devices AD7470_15 Datasheet HTML 4Page - Analog Devices AD7470_15 Datasheet HTML 5Page - Analog Devices AD7470_15 Datasheet HTML 6Page - Analog Devices AD7470_15 Datasheet HTML 7Page - Analog Devices AD7470_15 Datasheet HTML 8Page - Analog Devices AD7470_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
IMPORTANT LINKS for the AD7470_7472*
Last content update 04/06/2014 08:41 pm
SIMILAR PRODUCTS & PARAMETRIC SELECTION TABLES
Find Similar Products By Operating Parameters
Low Resolution - Single Channel Unipolar/Bipolar 8/10/12-Bit PulSAR
ADCs
DOCUMENTATION
AN-101: Cross Plot Generator Allows Quick A/D Converter Evaluation
AN-347: Shielding and Guarding
MS-2210: Designing Power Supplies for High Speed ADC
8- to 18-Bit SAR ADCs ... From the Leader in High Performance Analog
SUGGESTED COMPANION PRODUCTS
Recommended Driver Amplifiers for the AD7470/AD7472
For low noise, low distortion, wide bandwidth, we recommend
the AD8021 or the ADA4899-1.
For low noise, low distortion, high slew rate, we recommend
the AD8047.
For low noise, low distortion, low cost, we recommend the
AD8051.
Recommended 2.5V References for the AD7470/AD7472
For low noise, high accuracy, we recommend the ADR421,
ADR431 or the ADR441.
For low power, low cost, we recommend the ADR291 or the
ADR3425.
Recommended Power Solutions for the AD7470/AD7472
For selecting voltage regulator products, use ADIsimPower.
For selecting supervisor products, use the Supervisor
EVALUATION KITS & SYMBOLS & FOOTPRINTS
Symbols and Footprints for the AD7470
Symbols and Footprints for the AD7472
DESIGN COLLABORATION COMMUNITY
Collaborate Online with the ADI support team and other designers
about select ADI products.
Follow us on Twitter: www.twitter.com/ADI_News
Like us on Facebook: www.facebook.com/AnalogDevicesInc
DESIGN SUPPORT
Submit your support request here:
Linear and Data Converters
Embedded Processing and DSP
Telephone our Customer Interaction Centers toll free:
Americas:
1-800-262-5643
Europe:
00800-266-822-82
China:
4006-100-006
India:
1800-419-0108
Russia:
8-800-555-45-90
Quality and Reliability
Lead(Pb)-Free Data
Package Information
SAMPLE & BUY
AD7470
AD7472
View Price & Packaging
Request Evaluation Board
Request Samples
Check Inventory & Purchase
Find Local Distributors
* This page was dynamically generated by Analog Devices, Inc. and inserted into this data sheet.
Note: Dynamic changes to the content on this page (labeled 'Important Links') does not
constitute a change to the revision number of the product data sheet.
This content may be frequently modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com