Electronic Components Datasheet Search
  English  ▼

X  

AD7643 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7643
Description  18-Bit, 1.25 MSPS PulSAR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7643 Datasheet(HTML) 1 Page - Analog Devices

  AD7643 Datasheet HTML 1Page - Analog Devices AD7643 Datasheet HTML 2Page - Analog Devices AD7643 Datasheet HTML 3Page - Analog Devices AD7643 Datasheet HTML 4Page - Analog Devices AD7643 Datasheet HTML 5Page - Analog Devices AD7643 Datasheet HTML 6Page - Analog Devices AD7643 Datasheet HTML 7Page - Analog Devices AD7643 Datasheet HTML 8Page - Analog Devices AD7643 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
18-Bit, 1.25 MSPS PulSAR® ADC
AD7643
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Throughput: 1.25 MSPS
INL: ±1.5 LSB typical, ±3 LSB maximum (±11 ppm of full scale)
18-bit resolution with no missing codes
Dynamic range: 95 dB typical
SINAD: 93.5 dB typical @ 20 kHz (VREF = 2.5 V)
THD: −113 dB typical @ 20 kHz (VREF = 2.5 V)
2.048 V internal reference: typical drift 8 ppm/°C; TEMP output
Differential input range: ±VREF (VREF up to 2.5 V)
No pipeline delay (SAR architecture)
Parallel (18-, 16-, or 8-bit bus) and serial 5 V/3.3 V/2.5 V interface
SPI®/QSPI™/MICROWIRE™/DSP compatible
Single 2.5 V supply operation
Power dissipation
65 mW typical @ 1.25 MSPS with internal REF
2 μW in power-down mode
Pb-free, 48-lead LQFP and 48-lead LFCSP_VQ
Pin compatible with the AD7641 and other PulSAR ADC’s
APPLICATIONS
Medical instruments
High speed data acquisition/high dynamic data acquisition
Digital signal processing
Spectrum analysis
Instrumentation
Communications
ATE
GENERAL DESCRIPTION
The AD7643 is an 18-bit, 1.25 MSPS, charge redistribution
SAR, fully differential, analog-to-digital converter (ADC) that
operates from a single 2.5 V power supply. The part contains a
high speed, 18-bit sampling ADC, an internal conversion clock,
an internal reference (and buffer), error correction circuits, and
both serial and parallel system interface ports. The part has no
latency and can be used in asynchronous rate applications. The
AD7643 is hardware factory calibrated and tested to ensure ac
parameters, such as signal-to-noise ratio (SNR), in addition to
the more traditional dc parameters of gain, offset, and linearity.
The AD7643 is only available in Pb-free packages with
operation specified from −40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
18
CONTROL LOGIC AND
CALIBRATION CIRCUITRY
CLOCK
AD7643
DGND
DVDD
AVDD
AGND
REF REFGND
IN+
IN–
PD
RESET
PDBUF
REFBUFIN
PDREF
REF
TEMP
D[17:0]
BUSY
RD
CS
D0/OB/2C
OGND
OVDD
MODE1
MODE0
REF AMP
CNVST
SERIAL
PORT
PARALLEL
INTERFACE
SWITCHED
CAP DAC
Figure 1.
Table 1. PulSAR 48-Lead Selection
Type/kSPS
100 to
250
500 to
570
650 to
1000
>1000
Pseudo
Differential
AD7651,
AD7660,
AD7661
AD7650,
AD7652,
AD7664,
AD7666
AD7653,
AD7667
True Bipolar
AD7610,
AD7663
AD7665
AD7612,
AD7671
True
Differential
AD7675
AD7676
AD7677
AD7621,
AD7622,
AD7623
18-Bit
Multichannel/
AD7631,
AD7678
AD7679
AD7634,
AD7674
AD7641,
AD7643
Simultaneous
AD7654
AD7655
PRODUCT HIGHLIGHTS
1.
Fast Throughput.
The AD7643 is a 1.25 MSPS, charge redistribution,
18-bit SAR ADC.
2.
Superior Linearity.
The AD7643 has no missing 18-bit code.
3.
Internal Reference.
The AD7643 has a 2.048 V internal reference with a typical
drift of ±8 ppm/°C and an on-chip TEMP sensor.
4.
Single-Supply Operation.
The AD7643 operates from a 2.5 V single supply.
5.
Serial or Parallel Interface.
Versatile parallel (18-, 16-, or 8-bit bus) or 2-wire serial
interface arrangement compatible with 2.5 V, 3.3 V, or
5 V logic.


Similar Part No. - AD7643

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7643 AD-AD7643 Datasheet
818Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7643 AD-AD7643 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7643 AD-AD7643 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD7643 AD-AD7643 Datasheet
814Kb / 24P
18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7643 AD-AD7643 Datasheet
810Kb / 28P
16-Bit, 1.5 LSB INL, 2 MSPS PulSAR ADC
REV. 0
More results

Similar Description - AD7643

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1626 BURR-BROWN-ADS1626 Datasheet
472Kb / 31P
18-BIT 1.25 MSPS ANALOG TO DIGITAL CONVERTER
logo
Analog Devices
AD7982 AD-AD7982 Datasheet
416Kb / 23P
18-bit, 1 MSPS PulSAR ADC in MSOP/QFN
AD7982BRMZ AD-AD7982BRMZ Datasheet
672Kb / 24P
18-Bit, 1 MSPS PulSAR 7.0 mW
REV. A
AD7982BRMZ AD-AD7982BRMZ Datasheet
672Kb / 24P
18-Bit, 1 MSPS PulSAR 7.0 mW ADC in MSOP/QFN
REV. A
AD7960 AD-AD7960 Datasheet
814Kb / 24P
18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7986BCPZ AD-AD7986BCPZ Datasheet
472Kb / 28P
18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
REV. B
AD7623 AD-AD7623_15 Datasheet
564Kb / 28P
16-Bit, 1.33 MSPS PulSAR
REV. 0
AD7982 AD-AD7982_15 Datasheet
2Mb / 25P
18 Bit 1 MSPS PulSAR 7.0 mW ADC in MSOP QFN
REV. C
AD7623 AD-AD7623 Datasheet
444Kb / 29P
16-Bit, 1.33 MSPS PulSAR ADC
14-Apr-2017
AD7643 AD-AD7643 Datasheet
530Kb / 29P
18-Bit, 1.25 MSPS PulSAR ADC
14-Apr-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com