Electronic Components Datasheet Search
  English  ▼

X  

AD7643 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7643
Description  18-Bit, 1.25 MSPS PulSAR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7643 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7643 Datasheet HTML 12Page - Analog Devices AD7643 Datasheet HTML 13Page - Analog Devices AD7643 Datasheet HTML 14Page - Analog Devices AD7643 Datasheet HTML 15Page - Analog Devices AD7643 Datasheet HTML 16Page - Analog Devices AD7643 Datasheet HTML 17Page - Analog Devices AD7643 Datasheet HTML 18Page - Analog Devices AD7643 Datasheet HTML 19Page - Analog Devices AD7643 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD7643
Rev. 0 | Page 16 of 28
TRANSFER FUNCTIONS
Using the OB/2C digital input, except in 18-bit interface mode,
the AD7643 offers two output codings: straight binary and twos
complement. The LSB size with VREF = 2.048 V is 2 × VREF/
262,144, which is 15.623 μV. Refer to Figure 22 and Table 8 for
the ideal transfer characteristic.
000...000
000...001
000...010
111...101
111...110
111...111
ANALOG INPUT
+FSR – 1.5 LSB
+FSR – 1 LSB
–FSR + 1 LSB
–FSR
–FSR + 0.5 LSB
Figure 22. ADC Ideal Transfer Function
Table 8. Output Codes and Ideal Input Voltages
Digital Output Code (Hex)
Description
Analog Input
VREF = 2.048 V
Straight
Binary
Twos
Complement
FSR −1 LSB
+2.0479844 V
0x3FFFF1
0x1FFFF1
FSR − 2 LSB
+2.0479688 V
0x3FFFE
0x1FFFE
Midscale + 1 LSB
+15.625 μV
0x20001
0x00001
Midscale
0 V
0x20000
0x00000
Midscale − 1 LSB
−15.625 μV
0x1FFFF
0x3FFFF
−FSR + 1 LSB
−2.0479844 V
0x00001
0x20001
−FSR
−2.048 V
0x000002
0x200002
1 This is also the code for overrange analog input (VIN+ − VIN− above
+VREF − VREFGND).
2 This is also the code for underrange analog input (VIN+ − VIN− below
−VREF + VREFGND).
RD
CS
100nF
100nF
AVDD
10µF
100nF
AGND
DGND
DVDD
OVDD
OGND
CNVST
BUSY
SDOUT
SCLK
RESET
PD
REFBUFIN
10Ω
D
CLOCK
AD7643
MICROCONVERTER/
MICROPROCESSOR/
DSP
SERIAL
PORT
DIGITAL
INTERFACE
SUPPLY
(2.5V OR 3.3V)
ANALOG
SUPPLY (2.5V)
OVDD
DIGITAL
SUPPLY (2.5V)
IN+
IN–
U2
15Ω
NOTE 5
50Ω
50pF
NOTE 1
ANALOG
INPUT +
CC
CC
2.7nF
2.7nF
U1
15Ω
NOTE 1
MODE0
MODE1
D0/OB/2C
REFGND
REF
PDBUF
PDREF
100nF
ANALOG
INPUT –
NOTE 2
NOTE 2
NOTE 3
NOTE 4
NOTE 3
NOTE 7
NOTE 6
10µF
10µF
CREF
10µF
10kΩ
50pF
1. SEE ANALOG INPUTS SECTION.
2. THE AD8021 IS RECOMMENDED. SEE DRIVER AMPLIFIER CHOICE SECTION.
3. THE CONFIGURATION SHOWN IS USING THE INTERNAL REFERENCE. SEE VOLTAGE REFERENCE INPUT SECTION.
4. A 10µF CERAMIC CAPACITOR (X5R, 1206 SIZE) IS RECOMMENDED (FOR EXAMPLE, PANASONIC ECJ3YB0J106M).
SEE VOLTAGE REFERENCE INPUT SECTION.
5. OPTION, SEE POWER SUPPLY SECTION.
6. OPTION, SEE POWER-UP SECTION.
7. OPTIONAL LOW JITTER CNVST, SEE CONVERSION CONTROL SECTION.
Figure 23. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com