Electronic Components Datasheet Search
  English  ▼

X  

AD7643 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7643
Description  18-Bit, 1.25 MSPS PulSAR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7643 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7643 Datasheet HTML 18Page - Analog Devices AD7643 Datasheet HTML 19Page - Analog Devices AD7643 Datasheet HTML 20Page - Analog Devices AD7643 Datasheet HTML 21Page - Analog Devices AD7643 Datasheet HTML 22Page - Analog Devices AD7643 Datasheet HTML 23Page - Analog Devices AD7643 Datasheet HTML 24Page - Analog Devices AD7643 Datasheet HTML 25Page - Analog Devices AD7643 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD7643
Rev. 0 | Page 22 of 28
16-Bit and 8-Bit Interface (Master or Slave)
In the 16-bit (MODE[1:0] = 1) and 8-bit (MODE[1:0] = 2)
interfaces, the A0/A1 pins allow a glueless interface to a 16- or
8-bit bus, as shown in Figure 35. By connecting A0/A1 to an
address line(s), the data can be read in two words for a 16-bit
interface, or three bytes for an 8-bit interface. This interface can
be used in both master and slave parallel reading modes. Refer
to Table 7 for the full details of the interface.
CS, RD
A1
D[17:2]
HI-Z
HIGH
WORD
LOW
WORD
HI-Z
t12
t13
HIGH
BYTE
A0
MID
BYTE
LOW
BYTE
D[17:10]
t12
HI-Z
HI-Z
t12
Figure 35. 8-Bit and 16-Bit Parallel Interface
SERIAL INTERFACE
The AD7643 is configured to use the serial interface when
MODE[1:0] = 3. The AD7643 outputs 18 bits of data, MSB first,
on the SDOUT pin. This data is synchronized with the 18 clock
pulses provided on the SCLK pin. The output data is valid on
both the rising and falling edge of the data clock.
MASTER SERIAL INTERFACE
Internal Clock
The AD7643 is configured to generate and provide the serial
data clock SCLK when the EXT/INT pin is held low. The
AD7643 also generates a SYNC signal to indicate to the host
when the serial data is valid. The serial clock SCLK and the
SYNC signal can be inverted. Depending on the read during
convert input, RDC/SDIN, the data can be read after each
conversion or during the following conversion. Figure 36 and
Figure 37 show detailed timing diagrams of these two modes.
Usually, because the AD7643 is used with a fast throughput, the
master read during conversion mode is the most recommended
serial mode. In this mode, the serial clock and data toggle at
appropriate instants, minimizing potential feedthrough between
digital activity and critical conversion decisions. In this mode,
the SCLK period changes because the LSBs require more time
to settle and the SCLK is derived from the SAR conversion cycle.
In read after conversion mode, it should be noted that unlike
other modes, the BUSY signal returns low after the 18 data bits
are pulsed out and not at the end of the conversion phase,
resulting in a longer BUSY width. As a result, the maximum
throughput cannot be achieved in this mode.
In addition, in read after convert mode, the SCLK frequency
can be slowed down to accommodate different hosts using the
DIVSCLK[1:0] inputs. Refer to Table 4 for the SCLK timing
details when using these inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com