Electronic Components Datasheet Search
  English  ▼

X  

AD7651 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7651
Description  16-Bit 100 kSPS PulSART Unipolar ADC with Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7651 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7651 Datasheet HTML 3Page - Analog Devices AD7651 Datasheet HTML 4Page - Analog Devices AD7651 Datasheet HTML 5Page - Analog Devices AD7651 Datasheet HTML 6Page - Analog Devices AD7651 Datasheet HTML 7Page - Analog Devices AD7651 Datasheet HTML 8Page - Analog Devices AD7651 Datasheet HTML 9Page - Analog Devices AD7651 Datasheet HTML 10Page - Analog Devices AD7651 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD7651
ABSOLUTE MAXIMUM RATINGS
Table 5. AD7651 Stress Ratings1
IN2, TEMP2,REF, REFBUFIN,
INGND, REFGND to AGND
AVDD + 0.3 V to
AGND – 0.3 V
Ground Voltage Differences
AGND, DGND, OGND
±0.3 V
Supply Voltages
AVDD, DVDD, OVDD
–0.3 V to +7 V
AVDD to DVDD, AVDD to OVDD
±7 V
DVDD to OVDD
–0.3 V to +7 V
Digital Inputs
–0.3 V to DVDD + 0.3 V
PDREF, PDBUF3
±20 mA
Internal Power Dissipation4
700 mW
Internal Power Dissipation5
2.5 W
Junction Temperature
150°C
Storage Temperature Range
–65°C to +150°C
Lead Temperature Range
(Soldering 10 sec)
300°C
1Stresses above those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional
operation of the device at these or any other conditions above those listed
in the operational sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect
device reliability.
2See
section.
3See
section.
4Specification is for the device in free air:
48-Lead LQFP; θJA = 91°C/W, θJC = 30°C/W
5Specification is for the device in free air:
48-Lead LFCSP; θJA = 26°C/W.
Analog Input
Voltage Reference Input
IOH
500
µA
1.6mA
IOL
TO OUTPUT
PIN
1.4V
CL
60pF*
* IN SERIAL INTERFACE MODES,THE SYNC, SCLK, AND
SDOUT TIMINGS ARE DEFINED WITH A MAXIMUM LOAD
CL OF 10pF; OTHERWISE,THE LOAD IS 60pF MAXIMUM.
02964-0-006
Figure 2. Load Circuit for Digital Interface Timing,
SDOUT, SYNC, SCLK Outputs CL = 10 pF
0.8V
2V
2V
0.8V
0.8V
2V
tDELAY
tDELAY
02965-0-007
Figure 3. Voltage Reference Levels for Timing
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
Rev. 0 | Page 7 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com