Electronic Components Datasheet Search
  English  ▼

X  

AD7651 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7651
Description  16-Bit 100 kSPS PulSART Unipolar ADC with Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7651 Datasheet(HTML) 1 Page - Analog Devices

  AD7651 Datasheet HTML 1Page - Analog Devices AD7651 Datasheet HTML 2Page - Analog Devices AD7651 Datasheet HTML 3Page - Analog Devices AD7651 Datasheet HTML 4Page - Analog Devices AD7651 Datasheet HTML 5Page - Analog Devices AD7651 Datasheet HTML 6Page - Analog Devices AD7651 Datasheet HTML 7Page - Analog Devices AD7651 Datasheet HTML 8Page - Analog Devices AD7651 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
16-Bit 100 kSPS PulSARTM
Unipolar ADC with Reference
AD7651
FEATURES
Throughput: 100 kSPS
16-bit resolution
Analog input voltage range: 0 V to 2.5 V
No pipeline delay
Parallel and serial 5 V/3 V interface
SPI
®/QSPITM/MICROWIRETM/DSP compatible
Single 5 V supply operation
Power dissipation
16 mW typ, 160 µW @ 1 kSPS without REF
38 mW typ with REF
48-lead LQFP and 48-lead LFCSP packages
Pin-to-pin compatible with PulSAR ADCs
APPLICATIONS
Data acquisition
Instrumentation
Digital signal processing
Spectrum analysis
Medical instruments
Battery-powered systems
Process control
GENERAL DESCRIPTION
The AD7651 is a 16-bit, 100 kSPS, charge redistribution SAR
analog-to-digital converter that operates from a single 5 V
power supply. The part contains a high speed 16-bit sampling
ADC, an internal conversion clock, internal reference, error
correction circuits, and both serial and parallel system inter-
face ports.
The AD7651 is fabricated using Analog Devices’ high perform-
ance, 0.6 micron CMOS process, with correspondingly low cost,
and is available in a 48-lead LQFP and a tiny 48-lead LFCSP
with operation specified from –40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
02964-0-001
SWITCHED
CAP DAC
16
CONTROL LOGIC AND
CALIBRATION CIRCUITRY
CLOCK
AD7651
DATA[15:0]
BUSY
RD
CS
SER/P A R
OB/2 C
OGND
OVDD
DGND
DVDD
AVDD
AGND
REF REFGND
IN
INGND
PD
RESET
SERIAL
PORT
PARALLEL
INTERFACE
CN VST
REF
REFBUFIN
PDBUF
PDREF
BYTESWAP
Figure 1. Functional Block Diagram
Table 1. PulSAR Selection
Type/kSPS
100–250
500–570
800–
1000
Pseudo-
Differential
AD7651
AD7660/AD7661
AD7650/AD7652
AD7664/AD7666
AD7653
AD7667
True Bipolar
AD7663
AD7665
AD7671
True
Differential
AD7675
AD7676
AD7677
18-Bit
AD7678
AD7679
AD7674
Multichannel/
Simultaneous
AD7654
AD7655
PRODUCT HIGHLIGHTS
1.
Fast Throughput.
The AD7651 is a 100 kSPS, charge redistribution, 16-bit
SAR ADC with internal error correction circuitry.
2.
Internal Reference.
The AD7651 has an internal reference with a typical
temperature drift of 7 ppm/°C.
3.
Single-Supply Operation.
The AD7651 operates from a single 5 V supply. Its power
dissipation decreases with throughput.
4.
Serial or Parallel Interface.
Versatile parallel or 2-wire serial interface arrangement is
compatible with both 3 V and 5 V logic.
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.


Similar Part No. - AD7651

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7651 AD-AD7651 Datasheet
336Kb / 23P
16-Bit 1 MSPS SAR Unipolar ADC with Ref
AD7651 AD-AD7651 Datasheet
818Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7651 AD-AD7651 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7651 AD-AD7651 Datasheet
1Mb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
7/03-Revision 0
AD7651 AD-AD7651 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
More results

Similar Description - AD7651

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7652ASTZ AD-AD7652ASTZ Datasheet
804Kb / 28P
16-Bit 500 kSPS PulSARTM Unipolar ADC with Reference
Rev. 0
AD7664ASTZRL AD-AD7664ASTZRL Datasheet
320Kb / 24P
16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
REV. E
AD7652 AD-AD7652_15 Datasheet
804Kb / 28P
16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
REV. 0
AD7651 AD-AD7651_17 Datasheet
615Kb / 29P
16-Bit 100 kSPS PulSAR Unipolar ADC with Reference
0
AD7652 AD-AD7652 Datasheet
790Kb / 29P
16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
0
AD7661 AD-AD7661 Datasheet
485Kb / 29P
16-Bit 100 kSPS PulSAR Unipolar ADC with Reference
0
AD7666 AD-AD7666 Datasheet
560Kb / 29P
16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
0
AD7660 AD-AD7660_17 Datasheet
488Kb / 21P
16-Bit, 100 kSPS PulSAR Unipolar CMOS ADC
23-Feb-2017
AD7664 AD-AD7664_17 Datasheet
556Kb / 25P
16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
23-Feb-2017
logo
Cirrus Logic
CDB5571-2 CIRRUS-CDB5571-2 Datasheet
689Kb / 26P
100 kSps, 16-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com