Electronic Components Datasheet Search
  English  ▼

X  

AD7651 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7651
Description  16-Bit 100 kSPS PulSART Unipolar ADC with Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7651 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7651 Datasheet HTML 9Page - Analog Devices AD7651 Datasheet HTML 10Page - Analog Devices AD7651 Datasheet HTML 11Page - Analog Devices AD7651 Datasheet HTML 12Page - Analog Devices AD7651 Datasheet HTML 13Page - Analog Devices AD7651 Datasheet HTML 14Page - Analog Devices AD7651 Datasheet HTML 15Page - Analog Devices AD7651 Datasheet HTML 16Page - Analog Devices AD7651 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD7651
Rev. 0 | Page 13 of 28
FREQUENCY (kHz)
1
–120
–100
–90
–70
100
02964-0-031
1000
10
–80
120
100
20
40
60
80
SECOND
HARMONIC
SFDR
THIRD
HARMONIC
THD
110
90
30
50
70
–105
–95
–75
–85
–115
–110
Figure 11. THD, Harmonics, and SFDR vs. Frequency
INPUT LEVEL (dB)
–60
85
90
02964-0-032
0
–50
–40
–30
–20
–10
86
87
88
89
SNR
S/[N+D]
Figure 12. SNR and S/(N+D) vs. Input Level (Referred to Full Scale)
15.5
13.5
14.0
14.5
15.0
TEMPERATURE (dB)
–55
85
89
02964-0-033
125
–35
–15
5
25
45
86
87
88
SNR
65
105
85
S/[N+D]
Figure 13. SNR, S/(N+D), and ENOB vs. Temperature
TEMPERATURE (°C)
–55
–120
–100
02964-0-034
125
–35
–15
25
45
65
–115
–105
SECOND
HARMONIC
585
105
THIRD
HARMONIC
THD
–110
Figure 14. THD and Harmonics vs. Temperature
SAMPLE RATE (SPS)
02964-0-035
100
10000
100000
1
100
1000
10
1000
10000
0.001
0.1
0.01
DVDD
PDREF = PDBUF = HIGH
10
AVDD
OVDD
Figure 15. Operating Current vs. Sample Rate
TEMPERATURE (°C)
–55
6
02964-0-036
–35
5
25
45
65
–15
85
125
4
5
2
3
0
1
–4
–3
–6
–5
105
FULL SCALE
ZERO ERROR
–2
–1
Figure 16. Zero Error, Full Scale with Reference vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com