Electronic Components Datasheet Search
  English  ▼

X  

AD7652 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7652
Description  16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7652 Datasheet(HTML) 5 Page - Analog Devices

  AD7652 Datasheet HTML 1Page - Analog Devices AD7652 Datasheet HTML 2Page - Analog Devices AD7652 Datasheet HTML 3Page - Analog Devices AD7652 Datasheet HTML 4Page - Analog Devices AD7652 Datasheet HTML 5Page - Analog Devices AD7652 Datasheet HTML 6Page - Analog Devices AD7652 Datasheet HTML 7Page - Analog Devices AD7652 Datasheet HTML 8Page - Analog Devices AD7652 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD7652
TIMING SPECIFICATIONS
Table 3. –40°C to +85°C, AVDD = DVDD = 5 V, OVDD = 2.7 V to 5.25 V, unless otherwise noted
Parameter
Symbol
Min
Typ
Max
Unit
Refer to Figure 26 and Figure 27
Convert Pulsewidth
t1
10
ns
Time between Conversions
t2
2
µs
CNVST LOW to BUSY HIGH Delay
t3
35
ns
BUSY HIGH All Modes Except Master Serial Read after Convert
t4
1.25
µs
Aperture Delay
t5
2
ns
End of Conversion to BUSY LOW Delay
t6
10
ns
Conversion Time
t7
1.25
µs
Acquisition Time
t8
750
ns
RESET Pulsewidth
t9
10
ns
Refer to Figure 28, Figure 29, and
(Parallel Interface Modes)
CNVST LOW to DATA Valid Delay
t10
1.25
µs
DATA Valid to BUSY LOW Delay
t11
12
ns
Bus Access Request to DATA Valid
t12
45
ns
Bus Relinquish Time
t13
5
15
ns
Refer to Figure 32 and Figure 33 (Master Serial Interface Modes)1
CS LOW to SYNC Valid Delay
t14
10
ns
CS LOW to Internal SCLK Valid Delay1
t15
10
ns
CS LOW to SDOUT Delay
t16
10
ns
CNVST LOW to SYNC Delay
t17
525
ns
SYNC Asserted to SCLK First Edge Delay
t18
3
ns
Internal SCLK Period2
t19
25
40
ns
Internal SCLK HIGH2
t20
12
ns
Internal SCLK LOW2
t21
7
ns
SDOUT Valid Setup Time2
t22
4
ns
SDOUT Valid Hold Time2
t23
2
ns
SCLK Last Edge to SYNC Delay2
t24
3
ns
CS HIGH to SYNC HI-Z
t25
10
ns
CS HIGH to Internal SCLK HI-Z
t26
10
ns
CS HIGH to SDOUT HI-Z
t27
10
ns
BUSY HIGH in Master Serial Read after Convert2
t28
See Table 4
CNVST LOW to SYNC Asserted Delay
t29
1.25
µs
SYNC Deasserted to BUSY LOW Delay
t30
25
ns
Refer to
and
(Slave Serial Interface Modes)1
External SCLK Setup Time
t31
5
ns
External SCLK Active Edge to SDOUT Delay
t32
3
18
ns
SDIN Setup Time
t33
5
ns
SDIN Hold Time
t34
5
ns
External SCLK Period
t35
25
ns
External SCLK HIGH
t36
10
ns
External SCLK LOW
t37
10
ns
Figure 30
Figure 34
Figure 35
1In serial interface modes, the SYNC, SCLK, and SDOUT timings are defined with a maximum load CL of 10 pF; otherwise, the load is 60 pF maximum.
2In Serial Master Read during Convert Mode. See Table 4 for serial master read after convert mode.
Rev. 0 | Page 5 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com