Electronic Components Datasheet Search
  English  ▼

X  

AD7652 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7652
Description  16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7652 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7652 Datasheet HTML 11Page - Analog Devices AD7652 Datasheet HTML 12Page - Analog Devices AD7652 Datasheet HTML 13Page - Analog Devices AD7652 Datasheet HTML 14Page - Analog Devices AD7652 Datasheet HTML 15Page - Analog Devices AD7652 Datasheet HTML 16Page - Analog Devices AD7652 Datasheet HTML 17Page - Analog Devices AD7652 Datasheet HTML 18Page - Analog Devices AD7652 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD7652
CIRCUIT INFORMATION
SWA
COMP
SWB
IN
REF
REFGND
LSB
MSB
32,768C
INGND
16,384C
4C
2C
C
C
65,536C
CONTROL
LOGIC
SWITCHES
CONTROL
BUSY
OUTPUT
CODE
02964-0-005
CNVST
Figure 20. ADC Simplified Schematic
igure 20
The AD7652 is a very fast, low power, single supply, precise
16-bit analog-to-digital converter (ADC).
During the acquisition phase, the common terminal of the array
tied to the comparator's positive input is connected to AGND
via SWA. All independent switches are connected to the analog
input IN. Thus, the capacitor array is used as a sampling
capacitor and acquires the analog signal on IN. Similarly, the
dummy capacitor acquires the analog signal on INGND.
The AD7652 provides the user with an on-chip track/hold,
successive approximation ADC that does not exhibit any
pipeline or latency, making it ideal for multiple multiplexed
channel applications.
When CNVST goes LOW, a conversion phase is initiated. When
the conversion phase begins, SWA and SWB are opened. The
capacitor array and dummy capacitor are then disconnected
from the inputs and connected to REFGND. Therefore, the
differential voltage between IN and INGND captured at the end
of the acquisition phase is applied to the comparator inputs,
causing the comparator to become unbalanced. By switching
each element of the capacitor array between REFGND and REF,
the comparator input varies by binary weighted voltage steps
(VREF/2, VREF/4, …VREF/65536). The control logic toggles these
switches, starting with the MSB, to bring the comparator back
into a balanced condition.
The AD7652 can be operated from a single 5 V supply and can
be interfaced to either 5 V or 3 V digital logic. It is housed in
either a 48-lead LQFP or a 48-lead LFCSP that saves space and
allows flexible configurations as either a serial or parallel inter-
face. The AD7652 is pin-to-pin compatible with PulSAR ADCs.
CONVERTER OPERATION
The AD7652 is a successive-approximation ADC based on a
charge redistribution DAC. F
shows a simplified sche-
matic of the ADC. The capacitive DAC consists of an array of 16
binary weighted capacitors and an additional LSB capacitor. The
comparator’s negative input is connected to a dummy capacitor
of the same value as the capacitive DAC array.
After this process is completed, the control logic generates the
ADC output code and brings the BUSY output LOW.
Rev. 0 | Page 15 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com