Electronic Components Datasheet Search
  English  ▼

X  

AD7652 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7652
Description  16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7652 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7652 Datasheet HTML 20Page - Analog Devices AD7652 Datasheet HTML 21Page - Analog Devices AD7652 Datasheet HTML 22Page - Analog Devices AD7652 Datasheet HTML 23Page - Analog Devices AD7652 Datasheet HTML 24Page - Analog Devices AD7652 Datasheet HTML 25Page - Analog Devices AD7652 Datasheet HTML 26Page - Analog Devices AD7652 Datasheet HTML 27Page - Analog Devices AD7652 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD7652
APPLICATION HINTS
BIPOLAR AND WIDER INPUT RANGES
In some applications, it is desirable to use a bipolar or wider
analog input range such as ±10 V, ±5 V, or 0 V to 5 V. Although
the AD7652 has only one unipolar range, simple modifications
of input driver circuitry allow bipolar and wider input ranges to
be used without any performance degradation.
shows
a connection diagram that allows this. Component values
required and resulting full-scale ranges are shown in
.
Figure 38
Figure 38
Figure 38. Using the AD7652 in 16-Bit Bipolar and/or Wider Input Ranges
Table 8
Table 8. Component Values and Input Ranges
When desired, accurate gain and offset can be calibrated by
acquiring a ground and voltage reference using an analog
multiplexer (U2), as shown in
.
U1
ANALOG
INPUT
R2
R3
R4
100nF
R1
U2
CREF
IN
INGND
REF
REFGND
AD7652
02965-0-022
CF
15
Ω
2.7nF
Input Range
R1 (Ω)
R2 (kΩ)
R3 (kΩ)
R4 (kΩ)
±10 V
500
4
2.5
2
±5 V
500
2
2.5
1.67
0 V to –5 V
500
1
None
0
LAYOUT
The AD7652 has very good immunity to noise on the power
supplies. However, care should still be taken with regard to
grounding layout.
The printed circuit board that houses the AD7652 should be
designed so the analog and digital sections are separated and
confined to certain areas of the board. This facilitates the use of
ground planes that can be separated easily. Digital and analog
ground planes should be joined in only one place, preferably
underneath the AD7652, or as close as possible to the AD7652.
If the AD7652 is in a system where multiple devices require
analog-to-digital ground connections, the connection should
still be made at one point only, a star ground point that should
be established as close as possible to the AD7652.
Running digital lines under the device should be avoided since
these will couple noise onto the die. The analog ground plane
should be allowed to run under the AD7652 to avoid noise
coupling. Fast switching signals like CNVST or clocks should be
shielded with digital ground to avoid radiating noise to other
sections of the board, and should never run near analog signal
paths. Crossover of digital and analog signals should be avoided.
Traces on different but close layers of the board should run at
right angles to each other. This will reduce the effect of crosstalk
through the board.
The power supply lines to the AD7652 should use as large a
trace as possible to provide low impedance paths and reduce the
effect of glitches on the power supply lines. Good decoupling is
also important to lower the supply’s impedance presented to the
AD7652 and to reduce the magnitude of the supply spikes.
Decoupling ceramic capacitors, typically 100 nF, should be
placed on each power supply pin—AVDD, DVDD, and
OVDD—close to, and ideally right up against these pins and
their corresponding ground pins. Additionally, low ESR 10 µF
capacitors should be located near the ADC to further reduce
low frequency ripple.
The DVDD supply of the AD7652 can be a separate supply or
can come from the analog supply AVDD or the digital interface
supply OVDD. When the system digital supply is noisy or when
fast switching digital signals are present, if no separate supply is
available, the user should connect DVDD to AVDD through an
RC filter (see F
) and the system supply to OVDD and
the remaining digital circuitry. When DVDD is powered from
the system supply, it is useful to insert a bead to further reduce
high frequency spikes.
igure 22
The AD7652 has five different ground pins: INGND, REFGND,
AGND, DGND, and OGND. INGND is used to sense the analog
input signal. REFGND senses the reference voltage and, because
it carries pulsed currents, should be a low impedance return to
the reference. AGND is the ground to which most internal ADC
analog signals are referenced; it must be connected with the
least resistance to the analog ground plane. DGND must be tied
to the analog or digital ground plane depending on the
configuration. OGND is connected to the digital system
ground.
EVALUATING THE AD7652’S PERFORMANCE
A recommended layout for the AD7652 is outlined in the
EVAL-AD7652 evaluation board for the AD7652. The
evaluation board package includes a fully assembled and tested
evaluation board, documentation, and software for controlling
the board from a PC via the EVAL-CONTROL BRD2.
Rev. 0 | Page 25 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com