Electronic Components Datasheet Search
  English  ▼

X  

ST78C36 Datasheet(PDF) 6 Page - Exar Corporation

Part # ST78C36
Description  ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST78C36 Datasheet(HTML) 6 Page - Exar Corporation

Back Button ST78C36 Datasheet HTML 2Page - Exar Corporation ST78C36 Datasheet HTML 3Page - Exar Corporation ST78C36 Datasheet HTML 4Page - Exar Corporation ST78C36 Datasheet HTML 5Page - Exar Corporation ST78C36 Datasheet HTML 6Page - Exar Corporation ST78C36 Datasheet HTML 7Page - Exar Corporation ST78C36 Datasheet HTML 8Page - Exar Corporation ST78C36 Datasheet HTML 9Page - Exar Corporation ST78C36 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
ST78C36/36A
6
ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
REV. 5.1.0
2.0 STANDARD DEFINITIONS
• Forward direction only.
■ Compatible Mode: “Centronics” or standard mode.
• Reverse direction only.
■ Nibble mode: 4 bits at a time using status lines for data “Hewlett Packard Bi-tronics”.
• Bi-directional.
■ EPP: Enhanced Parallel port-used primarily by non-printer peripherals.
■ ECP: Extended Capability Port-used primarily by new generation of printers and scanners.
3.0 INTERNAL REGISTERS
3.1
DATA REGISTER (DATA )
DATA Bits 7-0:
For host output cycles in SPP mode (ECR mode 000) or PS/2 mode (ECR mode 001), data from the host is
registered at the trailing edge of -IOW. On host input cycles, data at the peripheral port is passed through to
the host data bus.
3.2
ECP FIFO ADDRESS ( ECP-AFIFO )
ECP-AFIFO Bits 7-0:
This port is only available for programmed I/O (non-DMA), and only has significance for host write. Data
written to this port is stored in the FIFO if FIFO-F = 0 and will be lost if FIFO-F = 1. A 9th FIFO bit (tag) is set
low on write. A read from this port is the same as a read at 400.
3.3
STATUS REGISTER ( DSR )
This status register is read-only except for bit-0, and all bits are latched for the duration of -IOR.
DSR Bit-0:
If EPP mode is not selected, this bit returns logic one. During EPP mode, bit-0 will return a high if the EPP 10
msecond TimeOut elapsed during the last EPP read or write cycle (this TimeOut also aborts the EPP cycle).
This status bit is cleared by exiting EPP mode or by the host writing a high to bit-0 of this register.
DSR Bits 2-1:
Reserved, logic one.
DSR Bit-3:
The true state of the -ERROR pad.
DSR Bit-4:
The true state of the SLCT pad.
DSR Bit-5:
The true state of the PE(mpty) pad.
DSR Bit-6:
The true state of the -ACK pad.
DSR Bit-7:
The complement of the BUSY pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com