Electronic Components Datasheet Search
  English  ▼

X  

CA3282AS2 Datasheet(PDF) 6 Page - Intersil Corporation

Part # CA3282AS2
Description  Octal Low Side Power Driver with Serial Bus Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3282AS2 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button CA3282AS2 Datasheet HTML 2Page - Intersil Corporation CA3282AS2 Datasheet HTML 3Page - Intersil Corporation CA3282AS2 Datasheet HTML 4Page - Intersil Corporation CA3282AS2 Datasheet HTML 5Page - Intersil Corporation CA3282AS2 Datasheet HTML 6Page - Intersil Corporation CA3282AS2 Datasheet HTML 7Page - Intersil Corporation CA3282AS2 Datasheet HTML 8Page - Intersil Corporation CA3282AS2 Datasheet HTML 9Page - Intersil Corporation CA3282AS2 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Output Drivers
The output drivers provide and active low output of 500mA
nominal with current limiting set to 1.05A to allow for high
inrush currents. In addition, each output is provided with a
voltage clamp circuit to limit inductive transients. Each out-
put driver is also monitored by a comparator for an out of
saturation condition. If the output voltage of an ON output
pin exceeds the saturation voltage limit, a fault condition is
assumed and the latch driving this output is reset, turning
the output off. The output comparators, which also provide
diagnostic feedback data to the shift register, contain an
internal pull-down current which will cause the cell to indi-
cate a low output voltage if the output is programmed OFF
and the output pin is open circuited.
CE High to Low Transition
When CE is low the three state MISO pin is enabled. On
the falling edge of CE, diagnostic data from the output volt-
age comparators will be latched into the shift register. If an
output is high, a logic one will be loaded into that bit in the
shift register. If the output is low, a logic zero will be loaded.
During the time that CE is low, data bytes controlling the
output drivers are shifted in at the MOSI pin most signifi-
cant bit (MSB) first. A logic zero on this pin will program the
corresponding output to be ON, and a logic one will turn it
OFF.
CE Low to High Transition
When the last data bit has been shifted into the CA3282,
the CE pin should be pulled high. At the rising edge of CE,
shift register data is latched into the output latch and the
outputs are activated with the new data. An internal 150
µs
delay timer will start at this rising edge to compensate for
high inrush currents in lamps and inductive loads. During
this period, the outputs will be protected only by the analog
current limiting circuits since resetting of the output latches
by fault conditions will be inhibited during this time. This
allows the device to handle inrush currents immediately
after turn on. When the 150
µs delay has elapsed, the out-
put voltages are sensed by the comparators and any out of
saturation outputs are latched off. The serial clock input pin
(SCK) should be low during CE transitions to avoid false
clocking of the shift register. The SCK input is gated by CE
so that the SCK input is ignored when CE is high.
Detecting Fault Conditions
Fault conditions may be checked as follows. Clock in a new
control byte and wait approximately 150
µs to allow the out-
puts to settle. Clock in the same control byte and note the
diagnostic data output at the MISO pin. The diagnostic bits
should be identical to the data clocked in. Any differences
will indicate a fault in the corresponding outputs. For exam-
ple, if an output was programmed ON by clocking in a zero,
and the corresponding diagnostic bit for that output is a
one, indicating the driver output is still high, then a short
circuit or overload condition may have caused the output to
unlatch. Alternatively, if the output was programmed OFF
by clocking in one, and the diagnostic bit for that output
shows a zero, then the probable cause is an open circuit
resulting in a floating output.
Dissipation In Multiple Outputs
The CA3282 Octal Power Driver has multiple MOS Output
Drivers and requires special consideration with regard to
maximum current and dissipation ratings. While each output
has a maximum current specification consistent with the
device structure, all such devices on the chip can not be
simultaneously rated to the same high level of peak current.
The total combined current and the dissipation on the chip
must be adjusted for maximum allowable ratings, given
simultaneous multiple output conditions.
1.5
1.0
0.5
0
SATURATION VOLTAGE (VSAT)
-40oC
25oC
105oC
125oC
0.2
0.4
0.6
0.8
rDS(ON) = 0.48Ω
rDS(ON) = 0.54Ω
rDS(ON) = 0.67Ω
rDS(ON) = 0.78Ω
FIGURE 3A. CA3282 TYPICAL OUTPUT DRIVER rDS(ON)
CHARACTERISTICS OF CURRENT OUT vs
SATURATION VOLTAGE, VSAT FOR A -40
oC TO
125oC JUNCTION TEMPERATURE
SATURATION VOLTAGE (VSAT)
1.5
1.0
0.5
0
TYP CURRENT LIMITING
-40oC
25oC
105oC
125oC
0
0.5
1.0
1.5
FIGURE 3B. CA3282 TYPICAL OUTPUT DRIVER rDS(ON)
CHARACTERISTICS OF CURRENT OUT vs
SATURATION VOLTAGE, VSAT FOR A -40
oC TO
125oC JUNCTION TEMPERATURE
CA3282



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com