Electronic Components Datasheet Search
  English  ▼

X  

CA3282AS2 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CA3282AS2
Description  Octal Low Side Power Driver with Serial Bus Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3282AS2 Datasheet(HTML) 1 Page - Intersil Corporation

  CA3282AS2 Datasheet HTML 1Page - Intersil Corporation CA3282AS2 Datasheet HTML 2Page - Intersil Corporation CA3282AS2 Datasheet HTML 3Page - Intersil Corporation CA3282AS2 Datasheet HTML 4Page - Intersil Corporation CA3282AS2 Datasheet HTML 5Page - Intersil Corporation CA3282AS2 Datasheet HTML 6Page - Intersil Corporation CA3282AS2 Datasheet HTML 7Page - Intersil Corporation CA3282AS2 Datasheet HTML 8Page - Intersil Corporation CA3282AS2 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
Features
• Output Current Drive Capability
- All Outputs ON, Equal . . . . . . . . . . . . . . 0.625A Each
- Per Output Individually . . . . . . . . . . . . . . . . . 1A Each
- Maximum Total of Outputs ON . . . . . . . . . . . . . . . .5A
• High Voltage Power BiMOS Outputs
- 8 Open Drain NDMOS Drivers
- Individual Output Latch
- Over-Current Limit Protection . . . . . . . . . . . . . 1.05A
- Over-Voltage Clamp Protection. . . . . . . . . . . . . . . 30V
• High Speed CMOS Logic Control
- Low Quiescent IDD Current . . . . . . . . . . . . . . . . . 5mA
- SPI Bus Controlled Interface
- Individual Fault Unlatch and Feedback
- Common Reset Line
• Operating Temperature Range . . . . . . . -40oC to 125oC
Applications
• Automotive and Industrial Systems
• Solenoids, Relays and Lamp Drivers
• Logic and
µP Controlled Drivers
• Robotic Controls
Description
The CA3282 is a logic controlled, eight channel octal power
driven. The serial peripheral interface (SPI) utilized by the
CA3282 is a serial synchronous bus compatible with Intersil
CDP68HC05, or equivalent, microcomputers. As shown in
the Block Diagram for the CA3282 each of the open drain
NDMOS output drivers has individual protection for over-volt-
age and over-current. Each output channel has separate
output latch control with fault unlatch and diagnostic feed-
back. Under normal ON conditions, each output driver is in a
low, saturation state. Comparators in the diagnostic circuitry
monitor the output drivers to determine if an out of saturation
condition exists. If a comparator senses a fault, the respec-
tive output driver is unlatched. In addition, over current pro-
tection is provided with current limiting in each output,
independent of the diagnostic feedback loop.
The CA3282 is fabricated in a Power BiMOS IC process, and is
intended for use in automotive and other applications having a
wide range of temperature and electrical stress conditions. It is
particularly suited for driving lamps, relays, and solenoids in
applications where low operating power, high breakdown volt-
age, and high output current at high temperatures is required.
The CA3282 is supplied in 15 lead plastic SIP package with
lead forms for either vertical or surface mount.
Ordering Information
PART
NUMBER
TEMP.
RANGE(oC)
PACKAGE AND
LEAD FORM
PKG
NO.
CA3282AS1
-40 to 125
15 Ld Plastic SIP
Staggered Vertical
Z15.05A
CA3282AS2
-40 to 125
15 Ld Plastic SIP
Surface Mount
Z15.05B
Pinout
CA3282 (SIP)
TOP VIEW
Block Diagram
NOTE:
HEAT SINK TAB
INTERNALLY
CONNECTED TO
GROUND (VSS)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
OUTPUT 4
OUTPUT 5
OUTPUT 6
OUTPUT 7
RESET
VDD
MISO
VSS
MOSI
SCK
CE
OUTPUT 0
OUTPUT 1
OUTPUT 2
OUTPUT 3
MOSI
SCK
MISO
CE
RESET
SHIFT
REGISTER
OUTPUT
LATCH
CURRENT
LIMIT
CONTROL
LOGIC
DIAGNOSTIC
CIRCUITRY
OUTPUT #0
(1 OF 8)
TO DRIVERS
1 THRU 7
June 1998
CA3282
Octal Low Side Power Driver
with Serial Bus Control
File Number
2767.6


Similar Part No. - CA3282AS2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
CA3280 INTERSIL-CA3280 Datasheet
393Kb / 10P
Dual, 9MHz, Operational Transconductance Amplifier (OTA)
May 2002
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3280A INTERSIL-CA3280A Datasheet
286Kb / 10P
Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
CA3280A INTERSIL-CA3280A Datasheet
393Kb / 10P
Dual, 9MHz, Operational Transconductance Amplifier (OTA)
May 2002
More results

Similar Description - CA3282AS2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1010 PHILIPS-TJA1010 Datasheet
105Kb / 16P
Octal Low Side Driver OLSD
1998 Feb 09
logo
Intersil Corporation
HIP0045 INTERSIL-HIP0045 Datasheet
93Kb / 10P
1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
1999 04
HIP0050 INTERSIL-HIP0050 Datasheet
45Kb / 7P
0.3A/50V Octal Low Side Power Driver with Serial Bus Control and Over-Current Fault Flag
1996 12
HIP0051 INTERSIL-HIP0051 Datasheet
31Kb / 5P
0.25A/50V Octal Low Side Power Driver with Serial Bus Control
1996 06
HIP0060 INTERSIL-HIP0060 Datasheet
50Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
1997 07
logo
ON Semiconductor
NCV7240 ONSEMI-NCV7240_16 Datasheet
233Kb / 27P
Octal Low-Side Relay Driver
September, 2016 ??Rev. 8
logo
Renesas Technology Corp
HIP0045 RENESAS-HIP0045 Datasheet
595Kb / 10P
1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
Apr 1999
HIP0050 RENESAS-HIP0050 Datasheet
456Kb / 7P
0.3A/50V Octal Low Side Power Driver withSerial Bus Control and Over-Current Fault Flag
December 1996
HIP0051 RENESAS-HIP0051 Datasheet
396Kb / 6P
0.25A/50V Octal Low Side Power Driver with Serial Bus Control
June 1996
HIP0060 RENESAS-HIP0060 Datasheet
437Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
July 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com