Electronic Components Datasheet Search
  English  ▼

X  

CA3318CE Datasheet(PDF) 4 Page - Intersil Corporation

Part # CA3318CE
Description  CMOS Video Speed, 8-Bit, Flash A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3318CE Datasheet(HTML) 4 Page - Intersil Corporation

  CA3318CE Datasheet HTML 1Page - Intersil Corporation CA3318CE Datasheet HTML 2Page - Intersil Corporation CA3318CE Datasheet HTML 3Page - Intersil Corporation CA3318CE Datasheet HTML 4Page - Intersil Corporation CA3318CE Datasheet HTML 5Page - Intersil Corporation CA3318CE Datasheet HTML 6Page - Intersil Corporation CA3318CE Datasheet HTML 7Page - Intersil Corporation CA3318CE Datasheet HTML 8Page - Intersil Corporation CA3318CE Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4-12
DIGITAL INPUTS
Low Level Input Voltage, VOL
CE1, CE2
Note 4
-
-
0.2VDD
V
Phase, CLK
Note 4
-
-
0.2VAA
V
High Level Input Voltage, VIN
CE1, CE2
Note 4
0.7VDD
--
V
Phase, CLK
Note 4
0.7VAA
--
V
Input Leakage Current, II (Except CLK Input)
Note 3
-
±0.2
±5
µA
Input Capacitance, CI
-3-
pF
DIGITAL OUTPUTS
Output Low (Sink) Current
VO = 0.4V
4
10
-
mA
Output High (Source) Current
VO = 4.5V
-4
-6
-
mA
Three-State Output Off-State Leakage Current, IOZ
-
±0.2
±5
µA
Output Capacitance, CO
-4-
pF
TIMING CHARACTERISTICS
Auto Balance Time (
φ1)
33
-
∞
ns
Sample Time (
φ2)
Note 4
25
-
500
ns
Aperture Delay
-15-
ns
Aperture Jitter
-
100
-
ps
Data Valid Time, tD
Note 4
-
50
65
ns
Data Hold Time, tH
Note 4
25
40
-
ns
Output Enable Time, tEN
-18-
ns
Output Disable Time, tDIS
-18-
ns
POWER SUPPLY CHARACTERISTICS
Device Current (IDD + IA) (Excludes IREF)
Continuous Conversion (Note 4)
-
30
60
mA
Auto Balance (
φ1)
-
30
60
mA
NOTES:
1. A full scale sine wave input of greater than fCLOCK/2 or the specified input bandwidth (whichever is less) may cause an erroneous code.
The -3dB bandwidth for frequency response purposes is greater than 30MHz.
2. VIN (Full Scale) or VREF+ should not exceed VAA+ + 1.5V for accuracy.
3. The clock input is a CMOS inverter with a 50k
Ω feedback resistor and may be AC coupled with 1VP-P minimum source.
4. Parameter not tested, but guaranteed by design or characterization.
Timing Waveforms
FIGURE 1. INPUT TO OUTPUT TIMING DIAGRAM
Electrical Specifications
At 25oC, VAA+ = VDD = 5V, VREF+ = 6.4V, VREF - = VAA- = VSS, CLK = 15MHz,
All Reference Points Adjusted, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
COMPARATOR DATA IS LATCHED
DECODED DATA IS SHIFTED
TO OUTPUT REGISTERS
φ2
SAMPLE
N
φ2
φ1
φ1
φ2
CLOCK (PIN 18)
IF PHASE (PIN 19)
IS LOW
CLOCK IF
PHASE IS HIGH
AUTO
BALANCE
SAMPLE
N + 1
tD
tH
DATA
N - 2
AUTO
BALANCE
SAMPLE
N + 2
DATA
N - 1
DATA
N
CA3318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com