Electronic Components Datasheet Search
  English  ▼

X  

CA3318CE Datasheet(PDF) 12 Page - Intersil Corporation

Part # CA3318CE
Description  CMOS Video Speed, 8-Bit, Flash A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3318CE Datasheet(HTML) 12 Page - Intersil Corporation

Back Button CA3318CE Datasheet HTML 4Page - Intersil Corporation CA3318CE Datasheet HTML 5Page - Intersil Corporation CA3318CE Datasheet HTML 6Page - Intersil Corporation CA3318CE Datasheet HTML 7Page - Intersil Corporation CA3318CE Datasheet HTML 8Page - Intersil Corporation CA3318CE Datasheet HTML 9Page - Intersil Corporation CA3318CE Datasheet HTML 10Page - Intersil Corporation CA3318CE Datasheet HTML 11Page - Intersil Corporation CA3318CE Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
4-20
Reducing Power
Most power is consumed while in the auto-balance state.
When operating at lower than 15MHz clock speed, power
can be reduced by stretching the sample (
φ2) time. The con-
straints are a minimum balance time (
φ1) of 33ns, and a
maximum sample time of 500ns. Longer sample times cause
droop in the auto-balance capacitors. Power can also be
reduced in the reference string by switching the reference on
only during auto-balance.
Clock Input
The Clock and Phase inputs feed buffers referenced to VAA+
and VAA-. Phase should be tied to one of these two poten-
tials, while the clock (if DC coupled) should be driven at least
from 0.2 to 0.7 x (VAA+ - VAA-). The clock may also be AC
coupled with at least a 1VP-P swing. This allows TTL drive
levels or 5V QMOS levels when VAA+ is greater than 5V.
TABLE 1. OUTPUT CODE TABLE
CODE
DESCRIPTION
(NOTE 1)
INPUT VOLTAGE
BINARY OUTPUT CODE
DECIMAL
COUNT
VREF
6.40V (V)
VREF
5.12V (V)
OF
MSB
B8
B7
B6
B5
B4
B3
B2
LSB
B1
Zero
0.00
0.00
000000000
0
1 LSB
0.025
0.02
000000001
1
2 LSB
0.05
0.04
000000010
2
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
1/
4 Full Scale
1.60
1.28
001000000
64
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
1/
2 Full Scale - 1 LSB
3.175
2.54
001111111
127
1/
2 Full Scale
3.20
2.56
010000000
128
1/
2 Full Scale + 1 LSB
3.225
2.58
010000001
129
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
3/
4 Full Scale
4.80
3.84
011000000
192
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
Full Scale - 1 LSB
6.35
5.08
011111110
254
Full Scale
6.375
5.10
011111111
255
Over Flow
6.40
5.12
111111111
511
NOTE: 1. The voltages listed above are the ideal centers of each output code shown as a function of its associated reference voltage.
CA3318
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com