Electronic Components Datasheet Search
  English  ▼

X  

CA3318CE Datasheet(PDF) 1 Page - Intersil Corporation

Part # CA3318CE
Description  CMOS Video Speed, 8-Bit, Flash A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3318CE Datasheet(HTML) 1 Page - Intersil Corporation

  CA3318CE Datasheet HTML 1Page - Intersil Corporation CA3318CE Datasheet HTML 2Page - Intersil Corporation CA3318CE Datasheet HTML 3Page - Intersil Corporation CA3318CE Datasheet HTML 4Page - Intersil Corporation CA3318CE Datasheet HTML 5Page - Intersil Corporation CA3318CE Datasheet HTML 6Page - Intersil Corporation CA3318CE Datasheet HTML 7Page - Intersil Corporation CA3318CE Datasheet HTML 8Page - Intersil Corporation CA3318CE Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
4-9
August 1997
CA3318
CMOS Video Speed,
8-Bit, Flash A/D Converter
File Number
3103.1
Features
• CMOS Low Power with SOS Speed (Typ). . . . . . . . 150mW
• Parallel Conversion Technique
• 15MHz Sampling Rate (Conversion Time) . . . . . . . 67ns
• 8-Bit Latched Three-State Output with Overflow Bit
• Accuracy (Typ) . . . . . . . . . . . . . . . . . . . . . . . . . .
±1 LSB
• Single Supply Voltage . . . . . . . . . . . . . . . . . . 4V to 7.5V
• 2 Units in Series Allow 9-Bit Output
• 2 Units in Parallel Allow 30MHz Sampling Rate
Applications
• TV Video Digitizing (Industrial/Security/Broadcast)
• High Speed A/D Conversion
• Ultrasound Signature Analysis
• Transient Signal Analysis
• High Energy Physics Research
• General-Purpose Hybrid ADCs
• Optical Character Recognition
• Radar Pulse Analysis
• Motion Signature Analysis
•
µP Data Acquisition Systems
Description
The CA3318 is a CMOS parallel (FLASH) analog-to-digital
converter designed for applications demanding both low
power consumption and high speed digitization.
The CA3318 operates over a wide full scale input voltage
range of 4V up to 7.5V with maximum power consumption
depending upon the clock frequency selected. When
operated from a 5V supply at a clock frequency of 15MHz,
the typical power consumption of the CA3318 is 150mW.
The intrinsic high conversion rate makes the CA3318 ideally
suited for digitizing high speed signals. The overflow bit
makes possible the connection of two or more CA3318s in
series to increase the resolution of the conversion system. A
series connection of two CA3318s may be used to produce a
9-bit high speed converter. Operation of two CA3318s in
parallel doubles the conversion speed (i.e., increases the
sampling rate from 15MHz to 30MHz).
256 paralleled auto balanced voltage comparators measure
the input voltage with respect to a known reference to
produce the parallel bit outputs in the CA3318.
255 comparators are required to quantize all input voltage
levels in this 8-bit converter, and the additional comparator is
required for the overflow bit.
Ordering Information
Pinout
CA3318
(PDIP, SBDIP, SOIC)
TOP VIEW
PART NUMBER LINEARITY (INL, DNL)
SAMPLING RATE
TEMP. RANGE (oC)
PACKAGE
PKG. NO.
CA3318CE
±1.5 LSB
15MHz (67ns)
-40 to 85
24 Ld PDIP
E24.6
CA3318CM
±1.5 LSB
15MHz (67ns)
-40 to 85
24 Ld SOIC
M24.3
CA3318CD
±1.5 LSB
15MHz (67ns)
-40 to 85
24 Ld SBDIP
D24.6
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
(LSB) B1
B2
B3
B4
B5
B6
B7
(MSB) B8
OVERFLOW
1/
4R
(DIG. GND) VSS
(DIG. SUP.) VDD
VAA+ (ANA. SUP.)
VREF+
VIN
p
PHASE
VAA- (ANA. GND)
VREF -
CE1
CE2
3/
4R
CLK
VIN
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - CA3318CE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3318CE INTERSIL-CA3318CE Datasheet
282Kb / 12P
CMOS Video Speed, 8-Bit, Flash A/D Converter
November 2002
More results

Similar Description - CA3318CE

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
8-bit, Flash A/D Converter
logo
Sony Corporation
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
8-bit 20MSPS Video A/D Converter (CMOS)
logo
Analog Devices
AD9048 AD-AD9048 Datasheet
109Kb / 8P
Monolithic 8-Bit Video A/D Converter
REV.C
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
logo
Hitachi Semiconductor
HA19211BP HITACHI-HA19211BP Datasheet
375Kb / 11P
HIGH SPEED LOW POWER 8 BIT A/D FLASH CONVERTER
logo
Aimtron Technology
AT1175 AIMTRON-AT1175 Datasheet
223Kb / 6P
8-BIT 20MSPS CMOS VIDEO A/D CONVERTER
logo
Hitachi Semiconductor
HA19510 HITACHI-HA19510 Datasheet
286Kb / 7P
HIGH- SPEED, LOW-POWER 8-BIT FLASH D/A CONVERTER
logo
List of Unclassifed Man...
AH8308EC ETC1-AH8308EC Datasheet
209Kb / 3P
8-Bit RGB video d/a converter
logo
Intersil Corporation
CA3318 INTERSIL-CA3318_02 Datasheet
282Kb / 12P
CMOS Video Speed, 8-Bit, Flash A/D Converter
November 2002
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
8-Bit Video Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com