Electronic Components Datasheet Search
  English  ▼

X  

CD22100F Datasheet(PDF) 9 Page - Intersil Corporation

Part # CD22100F
Description  CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD22100F Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CD22100F Datasheet HTML 2Page - Intersil Corporation CD22100F Datasheet HTML 3Page - Intersil Corporation CD22100F Datasheet HTML 4Page - Intersil Corporation CD22100F Datasheet HTML 5Page - Intersil Corporation CD22100F Datasheet HTML 6Page - Intersil Corporation CD22100F Datasheet HTML 7Page - Intersil Corporation CD22100F Datasheet HTML 8Page - Intersil Corporation CD22100F Datasheet HTML 9Page - Intersil Corporation CD22100F Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
4-192
CD22100
FIGURE 10. PROPAGATION DELAY TIME TEST CIRCUIT AND WAVEFORMS
(ADDRESS TO SIGNAL OUTPUT, SWITCH TURN-ON OR TURN-OFF)
Typical Performance Curves
FIGURE 11. TYPICAL ON RESISTANCE AS A FUNCTION OF
INPUT SIGNAL VOLTAGE AT VDD = -VSS = 2.5V
FIGURE 12. TYPICAL ON RESISTANCE AS A FUNCTION OF
INPUT SIGNAL VOLTAGE AT VDD = -VSS = 5V
Test Circuits and Waveforms (Continued)
DATA-IN
VOS2
ADDRESS
VOS1
SW
VIS
VOS1
50pF
1k
Ω
VDD
ADDRESS = 0
SW = ANY CROSSPOINT
STROBE = VDD
SW
VIS
VOS2
50pF
1k
Ω
VDD
ADDRESS = 1
VDD
VDD
0
0
50%
90%
tPZH
0
0
VDD
VDD
10%
50%
50%
tH
tS
tPHZ
VDD = 2.5V, VSS = -2.5V
25oC
-55oC
INPUT SIGNAL (V)
300
250
200
150
100
50
0
-4
-3
-2
-1
0
1
2
3
4
TA = 125
oC
VDD = 5V, VSS = -5V
TA = 125
oC
25oC
-55oC
INPUT SIGNAL (V)
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
150
125
100
75
50
25
0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com