Electronic Components Datasheet Search
  English  ▼

X  

CD22100F Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD22100F
Description  CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD22100F Datasheet(HTML) 1 Page - Intersil Corporation

  CD22100F Datasheet HTML 1Page - Intersil Corporation CD22100F Datasheet HTML 2Page - Intersil Corporation CD22100F Datasheet HTML 3Page - Intersil Corporation CD22100F Datasheet HTML 4Page - Intersil Corporation CD22100F Datasheet HTML 5Page - Intersil Corporation CD22100F Datasheet HTML 6Page - Intersil Corporation CD22100F Datasheet HTML 7Page - Intersil Corporation CD22100F Datasheet HTML 8Page - Intersil Corporation CD22100F Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
4-184
Semiconductor
Description
CD22100 combines a 4 x 4 array of crosspoints (transmis-
sion gates) with a 4-line to 16-line decoder and 16 latch
circuits. Any one of the sixteen transmission gates (cross-
points) can be selected by applying the appropriate four line
address. The selected transmission gate can be turned on or
off by applying a logic one or zero, respectively, to the data
input and strobing the strobe input to a logic one. Any
number of the transmission gates can be ON simultaneously.
When the required operating power is applied to the
CD22100, the states of the 16 switches are indeterminate.
Therefore, all switches must be turned off by putting the
strobe high and data in low, and then addressing all switches
in succession.
Features
• Low ON Resistance . . . . . . . . . .75
Ω (Typ) at V
DD = 12V
• “Built-In” Control Latches
• Large Analog Signal Capability
. . . . . . . . . . . . . . . ±V
DD/2
• 10MHz Switch Bandwidth
• Matched Switch Characteristics
∆R
ON =18Ω (Typ) at
VDD = 12V
• High Linearity - 0.5% Distortion (Typ) at f = 1kHz,
VIN = 5VP-P, VDD = 10V, and RL = 1kΩ
• Standard CMOS Noise Immunity
• 100% Tested for Maximum Quiescent Current at 20V
Ordering Information
PART
NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG. NO.
CD22100E
-40 to 85
16 Ld PDIP
E16.3
CD22100F
-55 to 125
16 Ld CERDIP
F16.3
February 1999
Pinout
CD22100
(PDIP, CERDIP)
TOP VIEW
Functional Diagram
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
VDD
VSS
Y1
Y2
X4
X3
Y4
Y3
X1
STROBE
X2
DATA IN
C
D
B
A
12
13
14
15
0
1
2
3
4
5
6
7
8
9
10
11
DATA
IN
2
STROBE
7
6
A
5
B
3
C
4
D
X1
X2
X3
X4
9
1
12
13
Y4
11
Y3
10
Y2
14
Y1
15
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1999
File Number
1076.4
CD22100
CMOS 4 x 4 Crosspoint Switch with Control Memory
High-Voltage Type (20V Rating)
[ /Title
(CD22
100)
/Sub-
ject
(CMO
S4x4
Cross-
point
Switch
with
Con-
trol
Mem-
ory
High-
Volt-
age
Type
(20V
Rat-
ing))
/
Author
()
/Key-
words
(Har-
ris
Semi-
con-
ductor,
Tele-
com,
SLICs,
SLACs
, Tele-
phone,
OBSOLETE
PRODUCT
NO RECOMMENDED
REPLA
CEMENT
Call
Central
Applications
1-800-442-7747
or email:
centapp@harris.com


Similar Part No. - CD22100F

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CD22100F HARRIS-CD22100F Datasheet
109Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
More results

Similar Description - CD22100F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66260FP MITSUBISHI-M66260FP Datasheet
126Kb / 6P
8 x 4 CROSSPOINT SWITCH with MIXING FUNCTION
logo
NEC
UPD22100 NEC-UPD22100 Datasheet
151Kb / 16P
CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Sep-1988
M22101 STMICROELECTRONICS-M22101 Datasheet
157Kb / 8P
WITH CONTROL MEMORY 4 X 4 X 2 CROSSPOINT SWITCHES
Sep-1988
logo
Hynix Semiconductor
GM62093A HYNIX-GM62093A Datasheet
87Kb / 6P
12x8 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Harris Corporation
CD22101 HARRIS-CD22101 Datasheet
159Kb / 13P
CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory
logo
STMicroelectronics
M3494 STMICROELECTRONICS-M3494 Datasheet
463Kb / 11P
CMOS 16 x 8 CROSSPOINT WITH CONTROL MEMORY
logo
Samsung semiconductor
KT8592 SAMSUNG-KT8592 Datasheet
338Kb / 9P
4 x 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Harris Corporation
CD22100 HARRIS-CD22100 Datasheet
109Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100_03 Datasheet
300Kb / 10P
4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Feb-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com