Electronic Components Datasheet Search
  English  ▼

X  

CD22100F Datasheet(PDF) 10 Page - Intersil Corporation

Part # CD22100F
Description  CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD22100F Datasheet(HTML) 10 Page - Intersil Corporation

Back Button CD22100F Datasheet HTML 2Page - Intersil Corporation CD22100F Datasheet HTML 3Page - Intersil Corporation CD22100F Datasheet HTML 4Page - Intersil Corporation CD22100F Datasheet HTML 5Page - Intersil Corporation CD22100F Datasheet HTML 6Page - Intersil Corporation CD22100F Datasheet HTML 7Page - Intersil Corporation CD22100F Datasheet HTML 8Page - Intersil Corporation CD22100F Datasheet HTML 9Page - Intersil Corporation CD22100F Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
4-193
CD22100
FIGURE 13. TYPICAL ON RESISTANCE AS A FUNCTION OF
INPUT SIGNAL VOLTAGE AT VDD = -VSS = 7.5V
FIGURE 14. TYPICAL ON RESISTANCE AS A FUNCTION OF
INPUT SIGNAL VOLTAGE AT TA = 25
oC
FIGURE 15. TYPICAL SWITCH ON TRANSFER
CHARACTERISTICS (1 OF 16 SWITCHES)
FIGURE 16. TYPICAL SWITCH ON FREQUENCY RESPONSE
CHARACTERISTICS
Typical Performance Curves (Continued)
TA = 125
oC
25oC
-55oC
INPUT SIGNAL (V)
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
150
125
100
75
50
25
0
VDD = 7.5V, VSS = -7.5V
VDD = 2.5V, VSS = -2.5V
INPUT SIGNAL (V)
300
250
200
150
100
50
0
TA = 25
oC
±7.5V
±5V
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
VDD = 10V
TA = 25
oC
INPUT VOLTAGE (V)
10
8
6
4
2
024
6
8
10
RL = 1MΩ, 100kΩ, 10kΩ
500
Ω
1k
Ω
SW
VIS
VOS
RL
STROBE = VDD
DATA-IN =
VDD
VSS
RL = 1MΩ
1k
Ω
10k
Ω
INPUT SIGNAL FREQUENCY (Hz)
2.5
2
1.5
1
0.5
0
105
106
107
108
TA = 25
oC, V
DD = 5V, VSS = -5V
VIS = 5VP-P = SINE WAVE 1.77VRMS
VDATA-IN = 5V
CL = 15pF
RF VOLTMETER
BOONTON RADIO
MODEL 91-CA
OR EQUIVALENT
SW
fIS
VOS (RMS)
CL
RL
VIS
CIOS = 0.4pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com