Electronic Components Datasheet Search
  English  ▼

X  

750106 Datasheet(PDF) 2 Page - Linear Technology

Part # 750106
Description  Special issue Industrial Solution Kit / December 2011
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

750106 Datasheet(HTML) 2 Page - Linear Technology

  750106 Datasheet HTML 1Page - Linear Technology 750106 Datasheet HTML 2Page - Linear Technology 750106 Datasheet HTML 3Page - Linear Technology 750106 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Isolated Monolithic Flyback Simplifies Design & Eliminates Optocoupler – LT3573
•VINRangefrom3Vto40V
•Onboard1.25A,60VIntegratedNPNPowerSwitch
•NoTransformer,ThirdWindingorOpto-IsolatorRequired
forFeedback
•CurrentModeControl
•BoundaryModeOperation
•VOUTSetwithTwoExternalResistors
• ProgrammableSoft-Start
• ProgrammableUndervoltageLockout
• OutputVoltageTemperatureCompensation
•
AdjustableCurrentLimit
The LT3573 is an isolated monolithic flyback switching
regulator with an integrated 1.25A NPN power switch. This
device significantly simplifies the design of a flyback converter
since it does not require a third winding or optoisolator and can
sense the output voltage directly from the primary side flyback
waveform. The LT3573 operates over an input voltage range of
3V to 40V at output power levels up to 7 watts, and can be used
in a wide variety of industrial, medical, datacom and automotive
applications requiring isolated power.
The LT3573 operates in boundary mode, which is a variable
frequency current mode switching scheme, resulting in a total
regulation band of ±5% over a wide input voltage range and
Moreinfo:www.linear.com/3573
Special issue:
Industrial Solution Kit / December 2011
output load current in a typical application. Boundary mode
operation also permits the use of a smaller transformer when
compared to equivalent continuous conduction mode designs.
The output voltage is easily set by two external resistors.
The LT3573 has additional features that include an onboard
LDO, programmable soft start, undervoltage lockout, adjustable
current limit and output voltage temperature compensation.
The LT3573 is available in a small thermally enhanced MSOP-
16 package and is offered in an extended and industrial operating
junction temperature range at -40°C to 125°C.
Low Power Isolated Monolithic Flyback Switching Regulator Simplifies Design &
Eliminates Optocoupler – LT3574
•VINRangefrom3Vto40V
• Onboard0.65A,60VIntegratedNPNPowerSwitch
• NoTransformer,ThirdWindingorOpto-IsolatorRequiredforFeedback
• CurrentModeControl
• BoundaryModeOperation
• VOUTSetwithTwoExternalResistors
• Off-the-ShelfTransformers
• ProgrammableSoft-Start
• ProgrammableUndervoltageLockout
• OutputVoltageTemperatureCompensation
• AdjustableCurrentLimit
The LT3574 is an isolated monolithic flyback switching regulator
that significantly simplifies the design of a low power isolated DC/
DC converter. No opto-isolator, third winding or signal transformer
is required for feedback since the output voltage is sensed from
the primary-side flyback signal. The LT3574 operates over a 3V
to 40V input voltage range, has a 0.65A NPN power switch and
can deliver up to 3 watts of output power, making it well suited
for a wide variety of industrial, medical, telecom, datacom and
automotive applications.
The LT3574 operates in boundary mode, which is a variable
frequency current mode control switching scheme, resulting in
±5% regulation over the full line, load and temperature range.
Boundary mode also permits the use of a smaller transformer
compared to equivalent continuous conduction mode designs.
The output voltage is easily set by two external resistors and
the transformers turns ratio. Several off-the-shelf transformers
identified in the data sheet can be used for numerous applications.
The high level of integration and use of boundary mode operation
results in a simple, clean application solution to the traditionally
tough problem of isolated power delivery.
Additional features include an onboard low dropout regulator
for IC power, programmable soft-start, undervoltage lockout,
adjustable current limit and output voltage temperature
compensation.
The LT3574 is available in a small MSOP-16 package and
is offered in an extended and industrial operating junction
temperature range at -40°C to 125°C.
Moreinfo:www.linear.com/3574



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com