Electronic Components Datasheet Search
  English  ▼

X  

750106 Datasheet(PDF) 3 Page - Linear Technology

Part # 750106
Description  Special issue Industrial Solution Kit / December 2011
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

750106 Datasheet(HTML) 3 Page - Linear Technology

  750106 Datasheet HTML 1Page - Linear Technology 750106 Datasheet HTML 2Page - Linear Technology 750106 Datasheet HTML 3Page - Linear Technology 750106 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
HIGH
LIGHT MAGAZINE
www.linear.com
Isolated Monolithic Flyback Regulator Simplifies Design & Eliminates Optocoupler – LT3575
•VINRangefrom3Vto40V
• Onboard2.5A,60VIntegratedPowerSwitch
• NoTransformer,ThirdWindingorOpto-IsolatorRequiredforFeedback
• Current-ModeControl
• Boundary-ModeOperation
• VOUTSetwithTwoExternalResistors
• Off-the-ShelfTransformers
• ProgrammableSoft-Start
• ProgrammableUndervoltageLockout
• OutputVoltageTemperatureCompensation
• AdjustableCurrentLimit
The LT3575 is an isolated monolithic flyback switching regulator
that significantly simplifies the design of an isolated DC/DC
converter. No opto-isolator, third winding or signal transformer is
required for feedback since the output voltage is sensed from the
primary-side flyback signal. The LT3575 operates over a 3V to
40V input voltage range, has a 2.5A power switch and delivers up
to 14 Watts of output power.
The LT3575 operates in boundary mode, which is a variable
frequency current-mode control switching scheme, typically
resulting in ±5% regulation over the full line, load and temperature
range. Boundary mode also permits the use of a smaller
transformer compared to equivalent continuous conduction-mode
Moreinfo:www.linear.com/3575
designs. The high level of integration and the use of boundary-
mode operation results in a simple, clean application solution to
the traditionally tough problem of isolated power delivery.
Additional features include an onboard low dropout regulator
for IC power, programmable soft-start, undervoltage lockout,
adjustable current limit and output voltage temperature
compensation.
The LT3575 is available in a small thermally enhanced TSSOP-16
package and is offered in an extended and industrial operating
junction temperature range from -40°C to 125°C.
100V Isolated Flyback DC/DC Controller Simplifies Design & Eliminates Optocoupler – LT3748
• VINRangefrom5Vto100V
• NoOpto-Isolator,TransformerorThirdWindingRequiredforFeedback
• DrivesExternalN-channelPowerMOSFET
• CurrentModeControl
• BoundaryModeOperation
• VOUTSetwithTwoExternalResistors
• Off-the-ShelfTransformers
• ProgrammableSoft-Start
• ProgrammableUndervoltageLockout
• OutputVoltageTemperatureCompensation
Moreinfo:www.linear.com/3748
The LT3748 is a high input voltage isolated flyback DC/DC
controller that significantly simplifies the design of an isolated DC/
DC converter. No opto-isolator, third winding or signal transformer
is required for feedback since the output voltage is sensed from
the primary-side flyback signal. The LT3748 operates over a 5V to
100V input voltage range and drives an external N-channel power
MOSFET, making it well suited for a wide variety of industrial,
medical, telecom, datacom and automotive applications.
The LT3748 operates in boundary mode, which is a variable
frequency current mode control switching scheme, resulting in
±5% typical regulation over the full line, load and temperature
range. Boundary mode also permits the use of a smaller
transformer compared to equivalent continuous conduction
mode designs. The output voltage is easily set by two external
resistors and the transformer turns ratio. Several off-the-shelf
transformers identified in the data sheet can be used for
numerous applications. The high level of integration and the
use of boundary mode operation results in a simple, clean
application solution to the traditionally tough problem of isolated
power delivery.
Additional features include an onboard low dropout regulator
for IC power, programmable soft-start, undervoltage lockout,
adjustable current limit and output voltage temperature
compensation.
The LT3748 is available in a small MSOP-16 package with
4 pins removed for additional high voltage pin spacing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com