Electronic Components Datasheet Search
  English  ▼

X  

750106 Datasheet(PDF) 4 Page - Linear Technology

Part # 750106
Description  Special issue Industrial Solution Kit / December 2011
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

750106 Datasheet(HTML) 4 Page - Linear Technology

  750106 Datasheet HTML 1Page - Linear Technology 750106 Datasheet HTML 2Page - Linear Technology 750106 Datasheet HTML 3Page - Linear Technology 750106 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
HIGH
LIGHT MAGAZINE
www.linear.com
, LTC, LT, LTM, LTspice, Linear Technology and the Linear logo are
registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
LinearTechnologyHighlightMagazine
SpecialIndustrialSolutionKitissue12/11-English version Layout/Design: J+G Werbeges. mbH - www.jgwerbung.de • © Linear Technology Corporation 2011 • Printed in Germany
LinearTechnologyAB
P.O. Box 35 (Teknobulevardi 3-5)
Fin-01531 Vantaa / FINLAND
Tel.: +358 (0)46 712 2171
Fax: +358 (0)46 712 2175
LinearTechnologyAB
Electrum 204, Isafjordsgatan 22
S-164 40 Kista / SWEDEN
Tel.: +46-(0)8-623 1600
Fax: +46-(0)8-623 1650
LinearTechnology(UK)Ltd.
3 The Listons, Liston Road
Marlow, Buckinghamshire SL7 1PD
Tel.: +44 (0)1628 477066
Fax: +44 (0)1628 478153
WürthElektronikeiSos
GmbH&Co.KG
Max-Eyth-Straße 1
D-74638 Waldenburg
Tel.: +49 (0)7942/945-0
Fax: +49 (0)7942/945-5000
www.we-online.com
Transformers for LT3573/3574/3575 and LT3748
Linear Technology launched a family of ICs for isolated flyback
converters which allow a very simple. In close cooperation with
Würth Elektronik, there are more than 60 standard transformers
developed which comply with the requirements of these ICs.
By selecting the correct transformers and simply changing
two resistors on the board, users can select the output voltage
required.
All transformers are optimized for a very low leakage inductance
in order to maximize efficiency of the circuit. High leakage
inductances cause high voltage spikes on the switch, which
therefore need to be reduced by a snubber network. The losses
generated in the snubber are related to the height of the voltage
spike. This means lower leakage inductance causes a lower
voltage peak and therefore lower losses.
The low leakage inductance is achieved by full flat layers and
split windings. Wire is selected to fill the layers. When needed
multiple strands are used to fully fill the layer.
As an example Figure 1 shows the winding build of transformer
750311675. You can clearly see that primary and secondary
are constructed from multiple strands (bifilar resp. quadfilar).
In addition, they are split in parallel.
So the winding order is:
Secondary 1 => Primary 1 => Auxiliary => Secondary 2 => Primary 2
Secondary 1 and 2 resp. Primary 1 and 2 are connected in
parallel.
With this structure, the typical leakage inductance of the
750311675 transformer is 130nH inductance at 100kHz.
As shown, Würth Elektronik offers a wide range of standard
transformers which are suited for the LT357x and LT3748 IC
families. These are optimized for a very low leakage inductance.
Würth Elektronik provides LTspice® models for all standard
transformers.
The demo boards feature simple design and small solution
size. Würth Elektronik offers a wide variety of demo kits, each
of which includes a demo board. This board can be adjusted to
input and output requirements by changing only two resistors
and the transformer, thus offering a quick and easy solution for
an isolated switch mode supply.
Winding build of
750311675 as example
of an advanced
winding build.
Red:
Secondary 1
Green: Primary 1
Violet:
Auxilliary
Blue:
Secondary 2
Orange: Primary 2
ChartofDesignKits
Order Code LTC IC
Demo Board Power (W) Transformer assembled onboard
Transformer 2**
Transformer 3**
Order Code
Output Voltage
Order Code
Output Voltage Order Code
Output Voltage
750 105
LT3574 DC1636A
2.5
750 370 041
5V / 0.35A
750 311 304 3.3V / 0.7A
750 310 799 12V / 0.15A
750 103
LT3573 DC1228A
7
750 370 047
5V / 1A
–
–
–
–
750 106
LT3575 DC1643A
10
750 311 675
5V / 1.4A
750 310 564 12V / 0.5A
750 310 559 3.3V / 1.5A
750 107
LT3748 DC1557A
12
750 311 439
12V / 1A
750 310 688 3.3V / 4A
750 311 689 5V / 3A
750 108
LT3748 DC1694A
30
750 311 607
12V / 2.5A
750 311 599 15V / 2A
750 311 608 24V / 1.3A
0,1794mm
Figure1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com