Electronic Components Datasheet Search
  English  ▼

X  

CD4048BMS Datasheet(PDF) 4 Page - Intersil Corporation

Part # CD4048BMS
Description  CMOS Multifunction Expandable 8 Input Gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4048BMS Datasheet(HTML) 4 Page - Intersil Corporation

  CD4048BMS Datasheet HTML 1Page - Intersil Corporation CD4048BMS Datasheet HTML 2Page - Intersil Corporation CD4048BMS Datasheet HTML 3Page - Intersil Corporation CD4048BMS Datasheet HTML 4Page - Intersil Corporation CD4048BMS Datasheet HTML 5Page - Intersil Corporation CD4048BMS Datasheet HTML 6Page - Intersil Corporation CD4048BMS Datasheet HTML 7Page - Intersil Corporation CD4048BMS Datasheet HTML 8Page - Intersil Corporation CD4048BMS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
7-915
Specifications CD4048BMS
Propagation Delay
Inputs to Output
TPHL2
TPLH2
VDD = 5V
1, 2, 3
+25oC
-
600
ns
VDD = 10V
1, 2, 3
+25oC
-
300
ns
VDD = 15V
1, 2, 3
+25oC
-
240
ns
Propagation Delay
Kb to Output
TPHL3
TPLH3
VDD = 5V
1, 2, 3
+25oC
-
450
ns
VDD = 10V
1, 2, 3
+25oC
-
170
ns
VDD = 15V
1, 2, 3
+25oC
-
110
ns
Propagation Delay
Kc to Output
TPHL4
TPLH4
VDD = 5V
1, 2, 3
+25oC
-
280
ns
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
Propagation Delay
Expand Input to Output
TPHL5
TPLH5
VDD = 5V
1, 2, 3
+25oC
-
380
ns
VDD = 10V
1, 2, 3
+25oC
-
180
ns
VDD = 15V
1, 2, 3
+25oC
-
130
ns
Propagation Delay
3 State
Kd to Output
TPHZ, LZ
TPZH, ZL
VDD = 5V
1, 2, 4
+25oC
-
160
ns
VDD = 10V
1, 2, 4
+25oC
-
70
ns
VDD = 15V
1, 2, 4
+25oC
-
50
ns
Transition Time
TTLH
TTHL
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
Input Capacitance
CIN
Any Input
1, 2
+25oC-
7
pF
3 State Output
Capacitance
CO
1, 2
+25oC
-
10
pF
NOTES:
1. All voltages referenced to device GND.
2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized
on initial design release and upon design changes which would affect these characteristics.
3. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
4. CL = 50pF, RL = 1K, Input TR, TF < 20ns.
TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 20V, VIN = VDD or GND
1, 4
+25oC-
25
µA
N Threshold Voltage
VNTH
VDD = 10V, ISS = -10
µA
1, 4
+25oC
-2.8
-0.2
V
N Threshold Voltage
Delta
∆VTN
VDD = 10V, ISS = -10
µA
1, 4
+25oC-
±1V
P Threshold Voltage
VTP
VSS = 0V, IDD = 10
µA
1, 4
+25oC
0.2
2.8
V
P Threshold Voltage
Delta
∆VTP
VSS = 0V, IDD = 10
µA
1, 4
+25oC-
±1V
Functional
F
VDD = 18V, VIN = VDD or GND
1
+25oC
VOH >
VDD/2
VOL <
VDD/2
V
VDD = 3V, VIN = VDD or GND
Propagation Delay Time
TPHL
TPLH
VDD = 5V
1, 2, 3, 4
+25oC
-
1.35 x
+25oC
Limit
ns
NOTES: 1. All voltages referenced to device GND.
2. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
3. See Table 2 for +25oC limit.
4. Read and Record
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
(Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com