Electronic Components Datasheet Search
  English  ▼

X  

CD4048BMS Datasheet(PDF) 9 Page - Intersil Corporation

Part # CD4048BMS
Description  CMOS Multifunction Expandable 8 Input Gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4048BMS Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CD4048BMS Datasheet HTML 3Page - Intersil Corporation CD4048BMS Datasheet HTML 4Page - Intersil Corporation CD4048BMS Datasheet HTML 5Page - Intersil Corporation CD4048BMS Datasheet HTML 6Page - Intersil Corporation CD4048BMS Datasheet HTML 7Page - Intersil Corporation CD4048BMS Datasheet HTML 8Page - Intersil Corporation CD4048BMS Datasheet HTML 9Page - Intersil Corporation CD4048BMS Datasheet HTML 10Page - Intersil Corporation CD4048BMS Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
7-920
CD4048BMS
FIGURE 8. TYPICAL OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 9. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 10. TYPICAL PROPAGATION DELAY TIME (LOGIC
INPUTS TO OUTPUT) AS A FUNCTION OF LOAD
CAPACITANCE
FIGURE 11. TYPICAL TRANSITION TIME vs LOAD
CAPACITANCE
FIGURE 12. TYPICAL POWER DISSIPATION AS A
FUNCTION OF INPUT FREQUENCY
Typical Performance Characteristics (Continued)
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-20
-25
-30
0
-5
-10
-15
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25
oC
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
0
-5
-10
-15
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
LOAD CAPACITANCE (CL) (pF)
0
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
20
40
60
80
100
100
200
300
AMBIENT TEMPERATURE (TA) = +25
oC
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) (pF)
0
40
60
80
100
20
0
50
100
150
200
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
10V
15V
INPUT FREQUENCY (fI) (kHz)
110
102
103
104
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) = 50pF
103
102
10
8
6
4
2
8
6
4
2
8
6
4
2
104 8
6
4
2
105
SUPPLY VOLTAGE (VDD) = 5V
8
6
4
28
6
4
28
6
4
28
6
4
28
6
4
2
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com