Electronic Components Datasheet Search
  English  ▼

X  

AD7997 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7997
Description  8-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 20-Lead TSSOP
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7997 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7997_15 Datasheet HTML 18Page - Analog Devices AD7997_15 Datasheet HTML 19Page - Analog Devices AD7997_15 Datasheet HTML 20Page - Analog Devices AD7997_15 Datasheet HTML 21Page - Analog Devices AD7997_15 Datasheet HTML 22Page - Analog Devices AD7997_15 Datasheet HTML 23Page - Analog Devices AD7997_15 Datasheet HTML 24Page - Analog Devices AD7997_15 Datasheet HTML 25Page - Analog Devices AD7997_15 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD7997/AD7998
Rev. 0 | Page 22 of 32
CYCLE TIMER REGISTER
The cycle timer register is an 8-bit, read/write register that
stores the conversion interval value for the automatic cycle
interval mode of the AD7997/AD7998 (see the Modes of
Operation section). D5 to D3 of the cycle timer register are
unused and should contain 0s at all times. On power-up, the
cycle timer register contains all 0s, thus disabling automatic
cycle operation of the AD7997/AD7998. To enable automatic
cycle mode, the user must write to the cycle timer register,
selecting the required conversion interval by programming Bits
D2 to D0. Table 23 shows the structure of the cycle timer
register, while Table 24 shows how the bits in this register are
decoded to provide various automatic sampling intervals.
Table 23. Cycle Timer Register and Defaults at Power-Up
D7
D6
D5
D4
D3
D2
D1
D0
Sample
Delay
Bit Trial
Delay
0
0
0
Cyc
Bit2
Cyc
Bit1
Cyc
Bit0
0
0
0
0
0
0
0
0
Table 24. Cycle Timer Intervals
D2
D1
D0
Typical Conversion Interval
(TCONVERT = Conversion Time)
0
0
0
Mode Not Selected
0
0
1
TCONVERT × 32
0
1
0
TCONVERT × 64
0
1
1
TCONVERT × 128
1
0
0
TCONVERT × 256
1
0
1
TCONVERT × 512
1
1
0
TCONVERT × 1024
1
1
1
TCONVERT × 2048
SAMPLE DELAY AND BIT TRIAL DELAY
It is recommended that no I2C bus activity occurs when a
conversion is taking place. However, if this is not possible, for
example when operating in Mode 2 or Mode 3, then in order to
maintain the performance of the ADC, Bits D7 and D6 in the
cycle timer register are used to delay critical sample intervals
and bit trials from occurring while there is activity on the I2C
bus. This results in a quiet period for each bit decision. In
certain cases where there is excessive activity on the interface
lines, this may have the effect of increasing the overall
conversion time. However, if bit trial delays extend longer than
1 µs, the conversion terminates.
When Bits D7 and D6 are both 0, the bit trial and sample
interval delaying mechanism is implemented. The default
setting of D7 and D6 is 0. To turn off both delay mechanisms,
set D7 and D6 to 1.
Table 25. Cycle Timer Register and Defaults at Power-up
D7
D6
D5
D4
D3
D2
D1
D0
Sample
Delay
Bit Trial
Delay
0
0
0
Cyc
Bit 2
Cyc
Bit 1
Cyc
Bit 0
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com