Electronic Components Datasheet Search
  English  ▼

X  

AD7997 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7997
Description  8-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 20-Lead TSSOP
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7997 Datasheet(HTML) 3 Page - Analog Devices

  AD7997_15 Datasheet HTML 1Page - Analog Devices AD7997_15 Datasheet HTML 2Page - Analog Devices AD7997_15 Datasheet HTML 3Page - Analog Devices AD7997_15 Datasheet HTML 4Page - Analog Devices AD7997_15 Datasheet HTML 5Page - Analog Devices AD7997_15 Datasheet HTML 6Page - Analog Devices AD7997_15 Datasheet HTML 7Page - Analog Devices AD7997_15 Datasheet HTML 8Page - Analog Devices AD7997_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD7997/AD7998
Rev. 0 | Page 3 of 32
AD7997 SPECIFICATIONS
Temperature range for B version is −40°C to +85°C. Unless otherwise noted, VDD = 2.7 V to 5.5 V; REFIN = 2.5 V; For the AD7997-0, all
specifications apply for fSCL up to 400 kHz; for the AD7997-1, all specifications apply for fSCL up to 3.4 MHz, unless otherwise noted;
TA = TMIN to TMAX.
Table 1.
Parameter
B Version
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE1
FIN = 10 kHz sine wave for fSCL from 1.7 MHz to
3.4 MHz
FIN = 1 kHz sine wave for fSCL up to 400 kHz
Signal to Noise + Distortion (SINAD)2
61
dB min
Total Harmonic Distortion (THD) 2
–75
dB max
Peak Harmonic or Spurious Noise (SFDR) 2
–76
dB max
Intermodulation Distortion (IMD)2
fa = 10.1 kHz, fb = 9.9 kHz for fSCL from 1.7 MHz
to 3.4 MHz
fa = 1.1 kHz, fb = 0.9 kHz for fSCL up to 400 kHz
Second-Order Terms
–86
dB typ
Third-Order Terms
–86
dB typ
Aperture Delay2
10
ns max
Aperture Jitter2
50
ps typ
Channel-to-Channel Isolation2
–90
dB typ
FIN = 108 Hz, see the Terminology section
Full-Power Bandwidth2
11
MHz typ
@ 3 dB
2
MHz typ
@ 0.1 dB
DC ACCURACY
Resolution
10
Bits
Integral Nonlinearity1, 2
±0.5
LSB max
Differential Nonlinearity1, 2
±0.5
LSB max
Guaranteed no missed codes to 10 bits
Offset Error2
±1.5
LSB max
Mode 1 (CONVST Mode)
±2.5
LSB max
Mode 2 (Command Mode)
Offset Error Match2
±0.5
LSB max
Gain Error2
±1.5
LSB max
Gain Error Match2
±0.5
LSB max
ANALOG INPUT
Input Voltage Range
0 to REFIN
V
DC Leakage Current
±1
µA max
Input Capacitance
30
pF typ
REFERENCE INPUT
REFIN Input Voltage Range
1.2 to VDD
V min/V max
DC Leakage Current
±1
µA max
Input Impedance
69
kΩ typ
During a conversion
LOGIC INPUTS (SDA, SCL)
Input High Voltage, VINH
0.7 (VDD)
V min
Input Low Voltage, VINL
0.3 (VDD)
V max
Input Leakage Current, IIN
±1
µA max
VIN = 0 V or VDD
Input Capacitance, CIN 3
10
pF max
Input Hysteresis, VHYST
0.1 (VDD)
V min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com