Electronic Components Datasheet Search
  English  ▼

X  

AD7997 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7997
Description  8-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 20-Lead TSSOP
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7997 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7997_15 Datasheet HTML 19Page - Analog Devices AD7997_15 Datasheet HTML 20Page - Analog Devices AD7997_15 Datasheet HTML 21Page - Analog Devices AD7997_15 Datasheet HTML 22Page - Analog Devices AD7997_15 Datasheet HTML 23Page - Analog Devices AD7997_15 Datasheet HTML 24Page - Analog Devices AD7997_15 Datasheet HTML 25Page - Analog Devices AD7997_15 Datasheet HTML 26Page - Analog Devices AD7997_15 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AD7997/AD7998
Rev. 0 | Page 23 of 32
SERIAL INTERFACE
Control of the AD7997/AD7998 is carried out via the I2C-
compatible serial bus. The devices are connected to this bus as
slave devices under the control of a master device, such as the
processor.
SERIAL BUS ADDRESS
Like all I2C-compatible devices, the AD7997/AD7998 have a
7-bit serial address. The 3 MSBs of this address for the AD7997/
AD7998 are set to 010. The AD7997/AD7998 come in two
versions, the AD7997-0/AD7997-0 and AD7997-1AD7998-1.
The two versions have three different I2C addresses available,
which are selected by either tying the address select pin, AS, to
AGND or VDD, or by letting the pin float (see Table 6). By giving
different addresses for the two versions, up to five AD7997/
AD7998 devices can be connected to a single serial bus, or the
addresses can be set to avoid conflicts with other devices on the
bus. (See Table 6.)
The serial bus protocol operates as follows.
The master initiates data transfer by establishing a start
condition, defined as a high-to-low transition on the serial
data line SDA, while the serial clock line, SCL, remains high.
This indicates that an address/data stream follows. All slave
peripherals connected to the serial bus responds to the start
condition and shift in the next eight bits, consisting of a
7-bit address (MSB first) plus an R/W bit that determines the
direction of the data transfer, that is, whether data is written to
or read from the slave device.
The peripheral whose address corresponds to the transmitted
address responds by pulling the data line low during the low
period before the ninth clock pulse, known as the acknowledge
bit. All other devices on the bus remain idle while the selected
device waits for data to be read from or written to it. If the R/W
bit is a 0, the master writes to the slave device. If the R/W bit is a
1, the master reads from the slave device.
Data is sent over the serial bus in sequences of nine clock
pulses, eight bits of data followed by an acknowledge bit from
the receiver of data. Transitions on the data line must occur
during the low period of the clock signal and remain stable
during the high period because a low-to-high transition when
the clock is high may be interpreted as a stop signal.
When all data bytes have been read or written, stop conditions
are established. In write mode, the master pulls the data line
high during the 10th clock pulse to assert a stop condition. In
read mode, the master device pulls the data line high during the
low period before the ninth clock pulse. This is known as No
Acknowledge. The master then takes the data line low during
the low period before the 10th clock pulse, then high during the
10th clock pulse to assert a stop condition.
Any number of bytes of data may be transferred over the serial
bus in one operation, but it is not possible to mix read and write
in one operation, because the type of operation is determined at
the beginning and cannot subsequently be changed without
starting a new operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com