Electronic Components Datasheet Search
  English  ▼

X  

DG211 Datasheet(PDF) 4 Page - Intersil Corporation

Part # DG211
Description  SPST 4-Channel Analog Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG211 Datasheet(HTML) 4 Page - Intersil Corporation

  DG211 Datasheet HTML 1Page - Intersil Corporation DG211 Datasheet HTML 2Page - Intersil Corporation DG211 Datasheet HTML 3Page - Intersil Corporation DG211 Datasheet HTML 4Page - Intersil Corporation DG211 Datasheet HTML 5Page - Intersil Corporation DG211 Datasheet HTML 6Page - Intersil Corporation DG211 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Test Circuits and Waveforms
Switch output waveform shown for VS = constant with logic
input waveform as shown. Note the VS may be + or - as per
switching time test circuit. VO is the steady state output with
switch on. Feedthrough via gate capacitance may result in
spikes at leading and trailing edge of output waveform.
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
VIN = 0V or 2.4V
-
0.1
10
µA
Negative Supply Current, I-
-
0.1
10
µA
Logic Supply Current, IL
-
0.1
10
µA
NOTES:
2. The algebraic convention whereby the most negative value is a minimum, and the most positive is a maximum, is used in this data sheet.
3. For design reference only, not 100% tested.
4. ID(ON) is leakage from driver into ON switch.
5.
.
Electrical Specifications
V+ = +15V, V- = -15V, VL = +5V, GND, TA = 25
oC (Continued)
PARAMETER
TEST CONDITIONS
(NOTE 2)
MIN
(NOTE 3)
TYP
MAX
UNITS
OFF Isolation
20
V
S
V
D
--------
,V
S
log
Input to OFF switch, V
D
output
==
=
† Logic shown for DG211. Invert for DG212.
FIGURE 1. SWITCHING TIME MEASUREMENT POINTS
FIGURE 2. SWITCHING TIME TEST CIRCUIT
50%
90%
0V
tOFF2
LOGIC†
INPUT (IN1)
SWITCH
OUTPUT (VO)
VS
tON
tr < 20ns
tf < 20ns
90%
SWITCH
INPUT
10%
tOFF1
VO
S1
IN1
LOGIC
INPUT
GND
VS = 10V
RL
1k
Ω
CL
35pF
SWITCH
OUTPUT
15V
V+
-15V
V-
SWITCH
INPUT
(REPEAT TEST FOR
IN2, IN3 AND IN4)
VO = VS
RL
RL + rDS(ON)
D1
5V
VL
DG211, DG212



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com