Electronic Components Datasheet Search
  English  ▼

X  

DG211 Datasheet(PDF) 1 Page - Intersil Corporation

Part # DG211
Description  SPST 4-Channel Analog Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG211 Datasheet(HTML) 1 Page - Intersil Corporation

  DG211 Datasheet HTML 1Page - Intersil Corporation DG211 Datasheet HTML 2Page - Intersil Corporation DG211 Datasheet HTML 3Page - Intersil Corporation DG211 Datasheet HTML 4Page - Intersil Corporation DG211 Datasheet HTML 5Page - Intersil Corporation DG211 Datasheet HTML 6Page - Intersil Corporation DG211 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
File Number
3118.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207 | Copyright © Intersil Corporation 1999
DG211, DG212
SPST 4-Channel Analog Switches
The DG211 and DG212 are low cost, CMOS monolithic,
Quad SPST analog switches. These can be used in general
purpose switching applications for communications,
instrumentation, process control and computer peripheral
equipment. Both devices provide true bidirectional
performance in the ON condition and will block signals to
30VP-P in the OFF condition. The DG211 and DG212 differ
only in that the digital control logic is inverted, as shown in
the truth table.
Pinout
DG211, DG212
(PDIP, SOIC)
TOP VIEW
Features
• Switches
±15V Analog Signals
• TTL Compatibility
• Logic Inputs Accept Negative Voltages
•rON (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175Ω
Functional Block Diagrams
DG211
DG212
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
DG211CJ
0 to 70
16 Ld PDIP
E16.3
DG212CJ
0 to 70
16 Ld PDIP
E16.3
DG211CY
0 to 70
16 Ld SOIC
M16.15
DG212CY
0 to 70
16 Ld SOIC
M16.15
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IN1
D1
S1
V-
GND
S4
IN4
D4
IN2
S2
V+ (SUB-
VL (+5V)
S3
D3
IN3
D2
STRATE)
-
TRUTH TABLE
LOGIC
DG211
DG212
0
ON
OFF
1
OFF
ON
Logic “0”
≤0.8V, Logic “1” ≥ 2.4V
IN1
S1
D1
IN2
S2
D2
IN3
S3
D3
IN4
S4
D4
IN1
S1
D1
IN2
S2
D2
IN3
S3
D3
IN4
S4
D4
SWITCHES SHOWN FOR LOGIC “1” INPUT
Data Sheet
June 1999


Similar Part No. - DG211

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG211 MAXIM-DG211 Datasheet
305Kb / 8P
Quad SPST CMOS Analog Switches
logo
Intersil Corporation
DG211 INTERSIL-DG211 Datasheet
281Kb / 7P
SPST 4-Channel Analog Switch
December 21, 2005
logo
Maxim Integrated Produc...
DG211 MAXIM-DG211 Datasheet
517Kb / 12P
Quad SPST CMOS Analog Switches
Rev 2; 5/06
logo
Renesas Technology Corp
DG211 RENESAS-DG211 Datasheet
551Kb / 8P
SPST 4-Channel Analog Switch
logo
Vishay Siliconix
DG211B VISHAY-DG211B Datasheet
92Kb / 8P
Improved Quad CMOS Analog Switches
24-Apr-00
More results

Similar Description - DG211

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
logo
Intersil Corporation
DG211 INTERSIL-DG211_05 Datasheet
281Kb / 7P
SPST 4-Channel Analog Switch
December 21, 2005
logo
BOWEI Integrated Circui...
HE017 BOWEI-HE017 Datasheet
103Kb / 1P
GaAs SPST Analog Switches
XN511 BOWEI-XN511 Datasheet
116Kb / 1P
GaAs SPST Analog Switches
XN521-I BOWEI-XN521-I Datasheet
86Kb / 1P
GaAs SPST Analog Switches
logo
Texas Instruments
TS12A4514 TI1-TS12A4514_14 Datasheet
717Kb / 19P
SPST CMOS ANALOG SWITCHES
TS12A4514 TI-TS12A4514_15 Datasheet
683Kb / 18P
SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_16 Datasheet
962Kb / 24P
Low ON-State Resistance 4-Channel SPST CMOS Analog Switches
logo
Renesas Technology Corp
DG211 RENESAS-DG211 Datasheet
551Kb / 8P
SPST 4-Channel Analog Switch
logo
Maxim Integrated Produc...
DG41789S MAXIM-DG41789S Datasheet
31Kb / 5P
SPST/SPDT ANALOG SWITCHES
19-0501 Rev. A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com