Electronic Components Datasheet Search
  English  ▼

X  

DG211 Datasheet(PDF) 3 Page - Intersil Corporation

Part # DG211
Description  SPST 4-Channel Analog Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG211 Datasheet(HTML) 3 Page - Intersil Corporation

  DG211 Datasheet HTML 1Page - Intersil Corporation DG211 Datasheet HTML 2Page - Intersil Corporation DG211 Datasheet HTML 3Page - Intersil Corporation DG211 Datasheet HTML 4Page - Intersil Corporation DG211 Datasheet HTML 5Page - Intersil Corporation DG211 Datasheet HTML 6Page - Intersil Corporation DG211 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Absolute Maximum Ratings
Thermal Information
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44V
VIN to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V- to V+
VL to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 25V
VS or VD to V+ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to -36V
VS or VD to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to 36V
V+ to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V
V- to Ground. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25V
Current, any Terminal Except S or D . . . . . . . . . . . . . . . . . . . . 30mA
Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Peak Current, S or D (Pulsed 1ms, 10% Duty Cycle Max) . . . . . 70mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
100
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
120
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
V+ = +15V, V- = -15V, VL = +5V, GND, TA = 25
oC
PARAMETER
TEST CONDITIONS
(NOTE 2)
MIN
(NOTE 3)
TYP
MAX
UNITS
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
See Figure 1
VS = 10V, RL = 1kΩ, CL = 35pF
-
460
-
ns
Turn-OFF Time,
tOFF1
-
360
-
ns
tOFF2
-
450
-
ns
OFF Isolation, OIRR (Note 5)
VIN = 5V, RL = 1kΩ, CL = 15pF, VS = 1VRMS,
f = 100kHz
-70-
dB
Crosstalk (Channel to Channel), CCRR
-
-90
-
dB
Source OFF Capacitance, CS(OFF)
VD = VS = 0V, VIN = 5V, f = 1MHz
-
5
-
pF
Drain OFF Capacitance, CD(OFF)
-5-
pF
Channel ON Capacitance, CD(ON) +CS(ON)
-16-
pF
DIGITAL INPUT CHARACTERISTICS
Input Current with Voltage High, IIH
VIN = 2.4V
-1.0
-0.0004
-
µA
VIN = 15V
-
0.003
1.0
µA
Input Current with Voltage Low, IIL
VIN = 0V
-1.0
-0.0004
-
µA
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
-15
-
15
V
Drain-Source ON Resistance, rDS(ON)
VD = ±10V, VIN = 2.4V (DG212)
IS = 1mA, VIN = 0.8V (DG211)
-
150
175
Ω
Source OFF Leakage Current, IS(OFF)
VIN = 2.4V (DG211)
VIN = 0.8V (DG212)
VS = 14V, VD = -14V
-
0.01
5.0
nA
VS = -14V, VD = 14V
-5.0
-0.02
-
nA
Drain OFF Leakage Current, ID(OFF)
VS = -14V, VD = 14V
-
0.01
5.0
nA
VS = 14V, VD = -14V
-5.0
-0.02
-
nA
Drain ON Leakage Current, ID(ON)
(Note 4)
VIN = 0.8V (DG211)
VIN = 2.4V (DG212)
VS = VD = 14V
-
0.1
5.0
nA
VS = VD = -14V
-5.0
-0.15
-
nA
DG211, DG212



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com