Electronic Components Datasheet Search
  English  ▼

X  

UPB1003GS Datasheet(PDF) 3 Page - NEC

Part # UPB1003GS
Description  REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB1003GS Datasheet(HTML) 3 Page - NEC

  UPB1003GS Datasheet HTML 1Page - NEC UPB1003GS Datasheet HTML 2Page - NEC UPB1003GS Datasheet HTML 3Page - NEC UPB1003GS Datasheet HTML 4Page - NEC UPB1003GS Datasheet HTML 5Page - NEC UPB1003GS Datasheet HTML 6Page - NEC UPB1003GS Datasheet HTML 7Page - NEC UPB1003GS Datasheet HTML 8Page - NEC UPB1003GS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary Data Sheet P14016EJ1V0DS00
3
µµµµPB1005K
PRODUCT LINE-UP (TA = +25
°°°°C, VCC = 3.0 V)
Type
Part Number
Functions
(Frequency unit: MHz)
VCC
(V)
ICC
(mA)
CG
(dB)
Package
Status
µPC2756T
6-pin minimold
µPC2756TB
RF down-converter with osc. Tr 2.7 to 3.3
6.0
14
6-pin super minimold
General
Purpose
Wideband
Separate
IC
µPC2753GR IF down-converter with gain
control amplifier
2.7 to 3.3
6.5
60 to 79 20-pin plastic SSOP
(225 mil)
Available
µPB1003GS RF/IF down-converter
+ PLL synthesizer
REF = 18.414
1stIF = 28.644/2ndIF = 1.023
2.7 to 3.3
37.5
72 to 92
µPB1004GS
2.7 to 3.3
37.5
72 to 92
Discontinued
µPB1005GS
30-pin plastic SSOP
(300 mil)
Clock
Frequency
Specific
1 chip IC
µPB1005K
RF/IF down-converter
+ PLL synthesizer
REF = 16.368
1stIF = 61.380/2ndIF = 4.092
2.7 to 3.3
45.0
72 to 92
36-pin plastic QFN
Available
Notice
Typical performance. Please refer to ELECTRICAL CHARACTERISTICS in detail.
To know the associated products, please refer to their latest data sheets.
SYSTEM APPLICATION EXAMPLE
GPS receiver RF block diagram
1575.42 MHz
from
Antenna
LNA
1540f0
BPF
µPC2749TB
e.g.
1540f0
RF-MIX
RF-MIXout
60f0
BPF
IF-MIXin
IF-MIX
40f0
LPF
VGC
IF-MIXout
2ndlFin1
2ndlFin2
2ndlFbypass
2ndlF-Amp
16f0
4f0
16f0
4.092 MHz
16.368 MHz
Buff
Buff
to Demodulator
to Demodulator
REF
TCXO
16.368 MHz
VCC
8f0
LOOUT
LOOP
AMP
1stLO-OSC2
1stLO-OSC1
OSC
1600f0
1/25
1/8
P D
8f0
1/2
• f0 = 1.023 MHz in the diagram.
• PB1005K is in
.
µ
64f0
Caution
This diagram schematically shows only the
µµµµPB1005K’s internal functions on the system.
This diagram does not present the actual application circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com