Electronic Components Datasheet Search
  English  ▼

X  

UPB1003GS Datasheet(PDF) 9 Page - NEC

Part # UPB1003GS
Description  REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB1003GS Datasheet(HTML) 9 Page - NEC

Back Button UPB1003GS Datasheet HTML 5Page - NEC UPB1003GS Datasheet HTML 6Page - NEC UPB1003GS Datasheet HTML 7Page - NEC UPB1003GS Datasheet HTML 8Page - NEC UPB1003GS Datasheet HTML 9Page - NEC UPB1003GS Datasheet HTML 10Page - NEC UPB1003GS Datasheet HTML 11Page - NEC UPB1003GS Datasheet HTML 12Page - NEC UPB1003GS Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Preliminary Data Sheet P14016EJ1V0DS00
9
µµµµPB1005K
Pin
No.
Pin Name
Applied
Voltage
(V)
Pin
Voltage
(V)
Function and Application
Internal Equivalent Circuit
28
IF-MIXout
1.15
Output pin from IF mixer.
IF mixer output signal goes
through gain control amplifier
before this emitter follower
output port.
29
N.C.

Non connection
30
VGC (IF-MIX)
0 to 3.3
Gain control voltage pin of IF
mixer output amplifier. This
voltage performs forward control
(VGC up
→ Gain down).
31
VCC (IF-MIX)
2.7 to 3.3
Supply voltage pin of IF mixer,
gain control amplifier and
emitter follower transistor.
32
N.C.

Non connection
33
IF-MIXin
2.00
Input pin of IF mixer.
34
GND (IF-MIX)
0
Ground pin of IF mixer.
28
31
33
34
30
2nd
LO
Caution
Ground pattern on the board must be formed as wide as possible to minimize ground
impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com