Electronic Components Datasheet Search
  English  ▼

X  

UPB1003GS Datasheet(PDF) 4 Page - NEC

Part # UPB1003GS
Description  REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB1003GS Datasheet(HTML) 4 Page - NEC

  UPB1003GS Datasheet HTML 1Page - NEC UPB1003GS Datasheet HTML 2Page - NEC UPB1003GS Datasheet HTML 3Page - NEC UPB1003GS Datasheet HTML 4Page - NEC UPB1003GS Datasheet HTML 5Page - NEC UPB1003GS Datasheet HTML 6Page - NEC UPB1003GS Datasheet HTML 7Page - NEC UPB1003GS Datasheet HTML 8Page - NEC UPB1003GS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Preliminary Data Sheet P14016EJ1V0DS00
4
µµµµPB1005K
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Rating
Unit
Supply Voltage
VCC
TA = +25
°C3.6
V
Total Circuit Current
ICC
TA = +25
°C
120
mA
Power Dissipation
PD
Mounted on double-sided copper clad
50
× 50 × 1.6 mm epoxy glass PWB (TA = +85 °C)
430
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−55 to +150
°C
RECOMMENDED OPERATING RANGE
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage
VCC
2.7
3.0
3.3
V
Operating Ambient Temperature
TA
−40
+25
+85
°C
RF Input Frequency
fRFin
1575.42
MHz
1st LO Oscillating Frequency
f1stLOin
1616.80
1636.80
1656.80
MHz
1st IF Input Frequency
f1stIFin
61.38
MHz
2nd LO Input Frequency
f2ndLOin
65.472
MHz
2nd IF Input/output Frequency
f2ndIFin
f2ndIFout
4.092
MHz
Reference Input/output Frequency
fREFin
fREFout
16.368
MHz
LO Output Frequency
fLOout
8.184
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com