Electronic Components Datasheet Search
  English  ▼

X  

UPC1093 Datasheet(PDF) 3 Page - NEC

Part # UPC1093
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1093 Datasheet(HTML) 3 Page - NEC

  UPC1093 Datasheet HTML 1Page - NEC UPC1093 Datasheet HTML 2Page - NEC UPC1093 Datasheet HTML 3Page - NEC UPC1093 Datasheet HTML 4Page - NEC UPC1093 Datasheet HTML 5Page - NEC UPC1093 Datasheet HTML 6Page - NEC UPC1093 Datasheet HTML 7Page - NEC UPC1093 Datasheet HTML 8Page - NEC UPC1093 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
µPC1093
3
ABSOLUTE MAXIMUM RATING (TA = 25
°C, unless otherwise specified.)
Parameter
Symbol
Ratings
Unit
Cathode Voltage
VKA
37
V
Cathode Current
IK
150
mA
Cathode-Anode Reverse Current
–IK
–100
mA
Reference Voltage
VREF
7V
Reference Input Current
IREF
50
µA
Reference-Anode Reverse Current
–IREF
–10
mA
Power Dissipation
µPC1093J
PT
700
mW
µPC1093G
480
µPC1093T
400/2 000Note 1
µPC1093TA
180/510Note 2
Operating Ambient Temperature
TA
–20 ~ +85
°C
Storage Temperature
Tstg
–65 ~ +150
°C
Notes 1. with 16 cm2
× 0.7 mm ceramic substrate
2. with 75 mm2
× 0.7 mm ceramic substrate
Caution Exposure to Absolute Maximum Ratings for extended periods may affect device reliability; exceed-
ing the ratings could cause permanent damage. The parameters apply independently. The device
should be operated within the limits specified under DC and AC Characteristics.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Cathode Voltage
VKA
VREF
536
V
Cathode Current
IK
1
10
100
mA
Power Dissipation
µPC1093J
PT
50
220
mW
µPC1093G
50
150
µPC1093T
50
125/640Note 1
µPC1093TA
50
58/160Note 2
Operating Ambient Temperature
TA
–20
+85
°C
Notes 1. with 16 cm2
× 0.7 mm ceramic substrate
2. with 75 mm2
× 0.7 mm ceramic substrate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com