Electronic Components Datasheet Search
  English  ▼

X  

UPC1093 Datasheet(PDF) 7 Page - NEC

Part # UPC1093
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1093 Datasheet(HTML) 7 Page - NEC

Back Button UPC1093 Datasheet HTML 3Page - NEC UPC1093 Datasheet HTML 4Page - NEC UPC1093 Datasheet HTML 5Page - NEC UPC1093 Datasheet HTML 6Page - NEC UPC1093 Datasheet HTML 7Page - NEC UPC1093 Datasheet HTML 8Page - NEC UPC1093 Datasheet HTML 9Page - NEC UPC1093 Datasheet HTML 10Page - NEC UPC1093 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
µPC1093
7
STABILITY AREA
TEST CIRCUIT
Caution of Stability Area
If the Aluminum electrolytic capacitor is used, it should be kept CKA
≥ 2.2
µF.
When using plural different types of capacitors, each capacitor is needed to be stable independently.
When designing a circuit, take the characteristic variation among devices into consideration, so that the designed
circuit has an enough characteristic margin supporting the standard specifications described above.
100
90
80
70
60
50
40
30
20
10
0
CKA - Load Capacitance - F
0.001
0.01
0.1
1
10
a : VKA = VREF
b : VKA = 5 V
c : VKA = 10 V
d : VKA = 15 V
Unstable
Stable
a
b
c
d
a
b
c
µ
IKA
IKA
150
Ω
150
Ω
CKA
CKA
10 k
Ω
R
a
b, c, d
CKA : Monolithic Ceramic Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com