Electronic Components Datasheet Search
  English  ▼

X  

UPC1093 Datasheet(PDF) 4 Page - NEC

Part # UPC1093
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1093 Datasheet(HTML) 4 Page - NEC

  UPC1093 Datasheet HTML 1Page - NEC UPC1093 Datasheet HTML 2Page - NEC UPC1093 Datasheet HTML 3Page - NEC UPC1093 Datasheet HTML 4Page - NEC UPC1093 Datasheet HTML 5Page - NEC UPC1093 Datasheet HTML 6Page - NEC UPC1093 Datasheet HTML 7Page - NEC UPC1093 Datasheet HTML 8Page - NEC UPC1093 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
µPC1093
4
ELECTRICAL CHARACTERISTICS (TA = 25
°C, IK = 10 mA, unless otherwise specified.)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Reference Voltage
VREF
VKA = VREF
2.440
2.495
2.550
V
Reference Voltage Deviation Over
∆VREF
0
°C ≤ TA ≤ 70 °C, VKA = VREF
717
mV
Temperature
Reference Voltage Deviation Over
∆VREF/∆V| VREF | ≤ VKA ≤ 10 V
1.2
2.7
mV/V
Cathode Voltage
10 V
≤ VKA ≤ 36 V
0.7
2
mV/V
Reference Input Current
IREF
VKA = VREF, R1 = 10 k
Ω, R2 = ∞
14
µA
Reference Input Current Deviation
∆IREF
0
°C ≤ TA ≤ 70 °C, VKA = VREF,
0.4
1.2
µA
Over Temperature
R1 = 10 k
Ω, R2 = ∞
Minimum Cathode Current
IK min.
VKA = VREF,
∆VREF = 2 %
0.4
1
mA
Off-state Cathode Current
IK off
VKA = 36 V, VREF = 0
0.1
1
µA
Dynamic Impedance
| ZKA |VKA = VREF, f
≤ 1 kHz
0.1
0.5
Ω
1 mA
≤ IK ≤ 100 mA
TEST AND APPLICATION CIRCUIT
VIN
GND
K
A
REF
R0
R1
R2
VOUT
VOUT
(1+
) . VREF
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com